Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MGP4N60E Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MGP4N60E
Description  Insulated Gate Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MGP4N60E
4
Motorola IGBT Device Data
Figure 7. Turn–Off Losses versus
Gate Resistance
Figure 8. Turn–Off Losses versus
Junction Temperature
Figure 9. Turn–Off Losses versus
Collector Current
Figure 10. Reverse Biased Safe
Operating Area
45
5
RG, GATE RESISTANCE (OHMS)
0.2
0.1
TJ, JUNCTION TEMPERATURE (°C)
150
–50
0.05
0
23
0
IC, COLLECTOR CURRENT (AMPS)
0.10
0
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
1
10
1
0
15
25
–25
0
25
0.10
0.20
1
10
100
1000
35
0.15
50
75
100
125
0.15
0.05
0.20
TJ = 125°C
VDD = 360 V
VGE = 15 V
IC = 3.0 A
2.0 A
1.0 A
VCC = 360 V
VGE = 15 V
RG = 20 W
IC = 3.0 A
2.0 A
1.5 A
TJ = 125°C
VCC = 360 V
VGE = 15 V
RG = 20 W
TJ = 125°C
RGE = 20 W
VGE = 15 V




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGS13002DInsulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate 1 2 3 4 5 MoreMotorola, Inc
NTE3300Insulated Gate Bipolar Transistor N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
MGP4N60EDInsulated Gate Bipolar Transistor with Anti-Parallel Diode 1 2 3 4 5 MoreON Semiconductor
BUK866-400IZInsulated Gate Bipolar Transistor Protected Logic-Level IGBT 1 2 3 4 5 MoreNXP Semiconductors
IRG4PC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.21V @Vge=15V Ic=16A 1 2 3 4 5 MoreInternational Rectifier
IRG4PC50KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.84V @Vge=15V Ic=30A 1 2 3 4 5 MoreInternational Rectifier
IRGB420UD2INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY Vces=500V @Vge=15V Ic=7.5A 1 2 3 4 5 MoreInternational Rectifier
IRGPH50MD2INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY Vces=1200V @Vge=15V Ic=23A 1 2 3 4 5 MoreInternational Rectifier
GT15J121Insulated Gate Bipolar Transistor Silicon N Chanenel IGBT 1 2 Toshiba Semiconductor
IRG4IBC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl