Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MGP4N60E Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MGP4N60E
Description  Insulated Gate Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
1
Motorola IGBT Device Data
Designer's™ Data Sheet
Insulated Gate Bipolar Transistor
N–Channel Enhancement–Mode Silicon Gate
This Insulated Gate Bipolar Transistor (IGBT) uses an advanced
termination scheme to provide an enhanced and reliable high
voltage–blocking capability. Its new 600 V IGBT technology is
specifically suited for applications requiring both a high tempera-
ture short circuit capability and a low VCE(on). It also provides fast
switching characteristics and results in efficient operation at high
frequencies. This new E–series introduces an energy efficient,
ESD protected, and short circuit rugged device.
• Industry Standard TO–220 Package
• High Speed: Eoff = 60 mJ/A typical at 125°C
• High Voltage Short Circuit Capability – 10 ms minimum at 125°C, 400 V
• Low On–Voltage 2.0 V typical at 3.0 A, 125°C
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
600
Vdc
Collector–Gate Voltage (RGE = 1.0 MΩ)
VCGR
600
Vdc
Gate–Emitter Voltage — Continuous
VGE
±20
Vdc
Collector Current — Continuous @ TC = 25°C
— Continuous @ TC = 90°C
— Repetitive Pulsed Current (1)
IC25
IC90
ICM
6.0
4.0
8.0
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
62.5
0.51
Watts
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to 150
°C
Short Circuit Withstand Time
(VCC = 400 Vdc, VGE = 15 Vdc, TJ = 125°C, RG = 20 Ω)
tsc
10
ms
Thermal Resistance — Junction to Case – IGBT
— Junction to Ambient
R
θJC
R
θJA
2.0
65
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
260
°C
Mounting Torque, 6–32 or M3 screw
10 lbf
Sin (1.13 NSm)
(1) Pulse width is limited by maximum junction temperature. Repetitive rating.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
REV 1
Order this document
by MGP4N60E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGP4N60E
IGBT IN TO–220
4.0 A @ 90
°C
6.0 A @ 25
°C
600 VOLTS
SHORT CIRCUIT RATED
LOW ON–VOLTAGE
CASE 221A–09
STYLE 9
TO–220AB
C
E
G
G
C
E
© Motorola, Inc. 1997




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGS13002DInsulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate 1 2 3 4 5 MoreMotorola, Inc
NTE3300Insulated Gate Bipolar Transistor N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
MGP4N60EDInsulated Gate Bipolar Transistor with Anti-Parallel Diode 1 2 3 4 5 MoreON Semiconductor
BUK866-400IZInsulated Gate Bipolar Transistor Protected Logic-Level IGBT 1 2 3 4 5 MoreNXP Semiconductors
IRG4PC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=2.21V @Vge=15V Ic=16A 1 2 3 4 5 MoreInternational Rectifier
IRG4PC50KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Vces=600V Vce on typ.=1.84V @Vge=15V Ic=30A 1 2 3 4 5 MoreInternational Rectifier
IRGB420UD2INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY Vces=500V @Vge=15V Ic=7.5A 1 2 3 4 5 MoreInternational Rectifier
IRGPH50MD2INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY Vces=1200V @Vge=15V Ic=23A 1 2 3 4 5 MoreInternational Rectifier
GT15J121Insulated Gate Bipolar Transistor Silicon N Chanenel IGBT 1 2 Toshiba Semiconductor
IRG4IBC30KDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl