Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB806 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SB806
Description  Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SB806 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SB806 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SB806 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 683 -
RATINGS AND CHARACTERISTIC CURVES (SB801 THRU SB807)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.01
0.1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=100 C
0
TJ=25 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
10
8
AMBIENT TEMPERATURE. ( C)
o
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
2
4
6
8
1
80
50 60
20
100
150
50
0
100
200
250
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
0.1
0.01
1
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0


Similar Part No. - SB806

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SB806 ETC1-SB806 Datasheet
100Kb / 1P
   BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Taiwan Semiconductor Co...
SB806G TSC-SB806G Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - SB806

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC8-BR8 YANGJIE-KBPC8-BR8 Datasheet
254Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBU800 JGD-KBU800 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801_09 Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
KBU401 TSC-KBU401_09 Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
KBU801 TSC-KBU801_10 Datasheet
499Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com