Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD55D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD55D
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD55D Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD55D Datasheet HTML 7Page - Texas Instruments SN65HVD55D Datasheet HTML 8Page - Texas Instruments SN65HVD55D Datasheet HTML 9Page - Texas Instruments SN65HVD55D Datasheet HTML 10Page - Texas Instruments SN65HVD55D Datasheet HTML 11Page - Texas Instruments SN65HVD55D Datasheet HTML 12Page - Texas Instruments SN65HVD55D Datasheet HTML 13Page - Texas Instruments SN65HVD55D Datasheet HTML 14Page - Texas Instruments SN65HVD55D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
V
I
V
O
t
PZH(1 & 2)
50 W
D
D
S1
3 V
Y
0 V
Z
Y
Z
V
I
R
L = 110 W
±1%
C
L
= 50 pF
±20%
V
O
Generator: PRR = 500kHz, 50% Duty Cycle, t
r
<6 ns, t
f
< 6ns, Z
0
= 50 W
C
L
Includes Fixture and Instrumentation Capacitance
3 V
1.5 V
1.5 V
t
PHZ
2.3 V
DE
Input
Generator
~ 0 V
V
OH
0.5 V
0 V
S1
Input
Generator
50
VO
S1
V
CC
3 V
V
CC
1.5 V
1.5 V
tPZL(1&2)
tPLZ
2.3 V
0.5 V
0 V
VOL
VI
VO
Generator: PRR = 500 kHz, 50% Duty Cycle, t r <6 ns, tf <6 ns, Zo = 50 Ω
RL = 110 Ω
± 1%
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
Y
Z
DE
VI
D
S1
3 V
Z
0 V
Y
B
A
R
I
O
V
ID
I
A
I
B
V
O
V
B
V
IC
V
A
V
A
+ V
B
2
I
I
RE
V
I
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 7. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 8. Receiver Voltage and Current Definitions
11


Similar Part No. - SN65HVD55D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD55D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com