Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7923DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7923DN
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7923DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7923DN Datasheet HTML 1Page - Vishay Siliconix SI7923DN Datasheet HTML 2Page - Vishay Siliconix SI7923DN Datasheet HTML 3Page - Vishay Siliconix SI7923DN Datasheet HTML 4Page - Vishay Siliconix SI7923DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr
Package
APPLICATIONS
D Portable
− Battery Switch
− Load Switch
RoHS
COMPLIANT
Si7923DN
Vishay Siliconix
New Product
Document Number: 72622
S-51129—Rev. B, 13-Jun-05
www.vishay.com
1
Dual P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−30
0.047 @ VGS = −10 V
−6.4
−30
0.075 @ VGS = −4.5 V
−5
PowerPAK 1212-8
Bottom View
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
3.30 mm
3.30 mm
Ordering Information: Si7923DN-T1—E3 (Lead (Pb)-Free)
S
G
D
P-Channel MOSFET
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.4
−4.3
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−4.6
−3.1
A
Pulsed Drain Current
IDM
−20
A
continuous Source Current (Diode Conduction)a
IS
−2.3
−1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.8
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.5
0.85
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Soldering Recommendations (Peak Temperature)b,c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
35
44
Maximum Junction-to-Ambienta
Steady State
RthJA
75
94
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
4
5
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Solder Profile (http://www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI7923DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7923DN VISHAY-SI7923DN Datasheet
211Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7923DN VISHAY-SI7923DN Datasheet
541Kb / 12P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7923DN VISHAY-SI7923DN_06 Datasheet
211Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7923DN VISHAY-SI7923DN_V01 Datasheet
541Kb / 12P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7923DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com