Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT257AT Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT257AT
Description  Fast CMOS Quad 2-Input Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT257AT Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT257AT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT257AT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT257AT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT257AT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT257AT Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2010A 03/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT157T/257T
(25
Ω Series)PI74FCT2157T/2257T
QUAD 2-INPUT MULTIPLEXER
PI74FCT257/2257T Switching Characteristics over Operating Range
257T/2257T
257AT/2257AT 257CT/2257CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
6.0
1.5
5.0
1.5
4.3
ns
tPHL
IN to ZN
RL = 500
tPLH
Propagation Delay
1.5
10.5
1.5
7.0
1.5
5.2
ns
tPHL
S to ZN
tPZH
Output Enable Time
1.5
8.5
1.5
7.0
1.5
6.0
ns
tPZL
OE to ZN
tPZH
Output Disable Time(3)
1.5
6.0
1.5
5.5
1.5
5.0
ns
tPZL
OE to ZN
PI74FCT157/2157T Switching Characteristics over Operating Range
157T/2157T
157AT/2157AT 157CT/2157CT
157DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
6.0
1.5
5.0
1.5
4.3
1.5
3.9
ns
tPHL
IN to ZN
RL = 500
tPLH
Propagation Delay
1.5
10.5
1.5
6.0
1.5
4.8
1.5
4.4
ns
tPHL
E to ZN
tPLH
Propagation Delay
1.5
10.5
1.5
7.0
1.5
5.2
1.5
4.6
ns
tPHL
S to ZN
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74FCT257AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT251T PERICOM-PI74FCT251T Datasheet
51Kb / 5P
   Fast CMOS 8-Input Multiplexer
PI74FCT253T PERICOM-PI74FCT253T Datasheet
48Kb / 5P
   High-Speed CMOS Dual 4-Input Multiplexer
PI74FCT2541ATH PERICOM-PI74FCT2541ATH Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT2541ATL PERICOM-PI74FCT2541ATL Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT2541ATQ PERICOM-PI74FCT2541ATQ Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT257AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com