Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4108 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM4108
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM4108 Datasheet HTML 4Page - Texas Instruments PCM4108 Datasheet HTML 5Page - Texas Instruments PCM4108 Datasheet HTML 6Page - Texas Instruments PCM4108 Datasheet HTML 7Page - Texas Instruments PCM4108 Datasheet HTML 8Page - Texas Instruments PCM4108 Datasheet HTML 9Page - Texas Instruments PCM4108 Datasheet HTML 10Page - Texas Instruments PCM4108 Datasheet HTML 11Page - Texas Instruments PCM4108 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
8
Terminal Functions
TERMINAL
NAME
DESCRIPTION
I/O
NO.
FMT0
33
Input
Audio Data Format Configuration
FMT1
34
Input
Audio Data Format Configuration
FMT2
35
Input
Audio Data Format Configuration
FS0
36
Input
Sampling Mode Configuration
FS1
37
Input
Sampling Mode Configuration
NC
38
No Internal Connection
NC
39
No Internal Connection
NC
40
No Internal Connection
NC
41
No Internal Connection
VREF2+
42
Input
High Reference Voltage; connect to VCC or external reference
VREF2−
43
Input
Low Reference Voltage; connect to AGND
AGND2
44
Ground
Analog Ground
VOUT8−
45
Output
Channel 8 Analog Output, Inverted
VOUT8+
46
Output
Channel 8 Analog Output, Noninverted
VOUT4−
47
Output
Channel 4 Analog Output, Inverted
VOUT4+
48
Output
Channel 4 Analog Output, Noninverted
VCOM2
49
Output
DC Common-Mode Voltage for Channels 3, 4, 7, and 8
VREF7+
50
Output
Channel 7 Analog Output, Noninverted
VREF7−
51
Output
Channel 7 Analog Output, Inverted
VREF3+
52
Output
Channel 3 Analog Output, Noninverted
VREF3−
53
Output
Channel 3 Analog Output, Inverted
VCC2
54
Power
Analog Power-Supply, +5V
VOUT3+
55
Input
High Reference Voltage; Connect to VCC or External Reference
VOUT3−
56
Input
Low Reference Voltage; Connect to AGND
VOUT4−
57
Input
Low Reference Voltage; Connect to AGND
VOUT4+
58
Input
High Reference Voltage; Connect to VCC or External Reference
VCC1
59
Power
Analog Power-Supply, +5V
VOUT6−
60
Output
Channel 6 Analog Output, Inverted
VOUT6+
61
Output
Channel 6 Analog Output, Noninverted
VOUT2−
62
Output
Channel 2 Analog Output, Inverted
VOUT2+
63
Output
Channel 2 Analog Output, Noninverted
VCOM1
64
Output
DC Common-Mode Voltage for Channels 1, 2, 5, and 6
(1) Bank A refers to Channels 1 through 4 and the control register bank used to control the functions associated with these channels, while Bank
B refers to Channels 5 through 8 and the control register bank used to control the functions associated with these channels.
(2) For register write operations, both banks may be selected and written to simultaneously. However, for register read operations, only one bank
may be selected. If both banks are selected for a read operation, the state of the CDOUT pin will be indeterminate.


Similar Part No. - PCM4108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104IPFBREP TI-PCM4104IPFBREP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM4104PFBR BURR-BROWN-PCM4104PFBR Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM4108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance, 24-Bit,216kHz Sampling
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com