Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H280438F-UCA0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4H280438F-UCA0
Description  128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H280438F-UCA0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4H280438F-UCA0 Datasheet HTML 7Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 8Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 9Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 10Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 11Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 12Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 13Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 14Page - Samsung semiconductor K4H280438F-UCA0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DDR SDRAM
DDR SDRAM 128Mb F-die (x4, x8)
Rev. 1.1 May. 2004
DDR SDRAM IDD spec table
(VDD=2.7V, T = 10’C)
Symbol
32Mx4 (K4H280438F)
Unit
Notes
A2(DDR266@CL=2.0)
B0(DDR266@CL=2.5)
A0(DDR200@CL=2.0)
IDD0
80
80
75
mA
IDD1
105
105
95
mA
IDD2P
3
3
3
mA
IDD2F
18
18
18
mA
IDD2Q
15
15
15
mA
IDD3P
25
25
25
mA
IDD3N
35
35
35
mA
IDD4R
105
105
105
mA
IDD4W
120
120
120
mA
IDD5
150
150
150
mA
IDD6
Normal
2
2
2
mA
Low power
1
1
1
mA
Optional
IDD7A
280
280
240
mA
Symbol
16Mx8 (K4H280838F)
Unit
Notes
B3(DDR333@CL=2.5)
A2(DDR266@CL=2.0)
B0(DDR266@CL=2.5)
IDD0
85
85
75
mA
IDD1
110
110
100
mA
IDD2P
3
3
3
mA
IDD2F
22
20
20
mA
IDD2Q
20
15
15
mA
IDD3P
25
25
25
mA
IDD3N
40
35
35
mA
IDD4R
140
120
120
mA
IDD4W
145
125
125
mA
IDD5
165
155
155
mA
IDD6
Normal
2
2
2
mA
Low power
1
1
1
mA
Optional
IDD7A
300
300
250
mA


Similar Part No. - K4H280438F-UCA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H280438F-TC/LA0 SAMSUNG-K4H280438F-TC/LA0 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H280438F-TC/LA2 SAMSUNG-K4H280438F-TC/LA2 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H280438F-TC/LB0 SAMSUNG-K4H280438F-TC/LB0 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
More results

Similar Description - K4H280438F-UCA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com