Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQY14 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part No. AQY14
Description  GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQY14 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQY14 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY14 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY14 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQY41rS
65
4. Reverse (ON) time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max.(DC);
Continuous load current: Max.(DC)
5. LED operate (OFF) current vs. ambient tem-
perature characteristics
Load voltage: Max.(DC);
Continuous load current: Max.(DC)
6. LED reverse (ON) current vs. ambient tem-
perature characteristics
Load voltage: Max.(DC);
Continuous load current: Max.(DC)
0
–20
–40
20
40
60
100
80 85
1.0
0.8
0.6
0.4
0.2
0
AQY410S
AQY414S
Ambient temperature,
°C
0
–40 –20
20
40
60
80 85
5
4
3
2
1
0
Ambient temperature,
°C
020
40
60
80 85
5
4
3
2
1
0
-40
-20
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 3 and 4;
LED current: 5 mA;
Ambient temperature: 25
°C 77°F
0
–40 –20
20
40
60
80 85
Ambient temperature,
°C
1.5
1.4
1.3
1.2
1.1
1.0
0
50mA
30mA
20mA
10mA
5mA
–40
–60
–80
–100
–120
–140
–3
–2
–1
–2.5
–1.5
20
40
60
80
140
120
100
–0.5
1.5
2.5
12
3
AQY410S
AQY414S
Voltage, V
0.5
–20
20
060
40
80
100
10–3
10–6
10–9
10–12
Load voltage, V
10. LED forward current vs. operate (OFF) time
characteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max.(DC); Continuous load current:
Max.(DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. reverse (ON) time
characteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max.(DC); Continuous load current-
Max.(DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 3 and 4;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
10
0
2030405060
3.0
2.5
2.0
1.5
1.0
0.5
0
LED forward current, mA
10
20
30
40
50
60
10
0
2030405060
0.6
0.5
0.4
0.3
0.2
0.1
0
LED forward current, mA
10
0
2030405060
120
100
80
60
40
20
0
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn