Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TEN30-2408WI Datasheet(PDF) 1 Page - TRACO Electronic AG

Part No. TEN30-2408WI
Description  DC/DC Converters - TEN 30WI Series, 30 Watt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN30-2408WI Datasheet(HTML) 1 Page - TRACO Electronic AG

  TEN30-2408WI Datasheet HTML 1Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 2Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 3Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 4Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 5Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 6Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 7Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.tracopower.com
Features
High Power Density: 30W in a
51x41x10 mm (2”x1.6”x0.4”) Package
Ultra Wide 4:1 Input Voltage Range
Single Output Voltage Models
from 1.8 to 15 VDC
Dual Output Voltage Models
Extended Operating Temperature Range:
–40°C to 85°C
Under Voltage Lockout
Remote On/Off
Shielded Metal Case with insulated
Baseplate
Optional Heatsink
Lead free Design - RoHS compliant
3 Year Product Warranty
DC/DC Converters
TEN 30WI Series, 30 Watt
The TEN 30WI series is a family of high performance 30W dc-dc converters fea-
turing ultra wide 4:1 input voltage ranges in a compact low profile package with
industry-standard footprint. A very high efficiency allows operating temperatures
up to 85°C. A built-in filter for both input and output minimizes the need for external
filtering. Further standard features include remote On/Off, output voltage trimming,
over voltage protection, under voltage lockout and short circuit protection.
Typical applications for these products are battery operated equipment and distrib-
uted power architectures in communication and industrial electronics, everywhere
where isolated, tightly regulated voltages are required and space is limited on the
PCB.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TEN 30-2408WI
1.8 VDC
8‘000 mA
80 %
TEN 30-2409WI
2.5 VDC
8’000 mA
85 %
TEN 30-2410WI
3.3 VDC
6’000 mA
87 %
TEN 30-2411WI
5.1 VDC
6‘000 mA
87 %
TEN 30-2412WI
10 – 40 VDC
12 VDC
2’500 mA
87 %
TEN 30-2413WI
15 VDC
2’500 mA
88 %
TEN 30-2422WI
± 12 VDC
± 1’250 mA
85 %
TEN 30-2423WI
± 15 VDC
± 1’000 mA
86 %
TEN 30-4808WI
1.8 VDC
8‘000 mA
81 %
TEN 30-4809WI
2.5 VDC
8’000 mA
86 %
TEN 30-4810WI
3.3 VDC
6’000 mA
87 %
TEN 30-4811WI
5.1 VDC
6‘000 mA
88 %
TEN 30-4812WI
18 – 75 VDC
12 VDC
2’500 mA
87 %
TEN 30-4813WI
15 VDC
2’500 mA
88 %
TEN 30-4822WI
± 12 VDC
± 1’250 mA
86 %
TEN 30-4823WI
± 15 VDC
± 1’000 mA
87 %
Models
Page 1 of 7
RoHS
compliant


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TEN40 DC/DC Converters - TEN 40 Series 40 Watt Coming Soon TRACO Electronic AG
TEN5WI DC/DC Converters - TEN 5WI Series 6 Watt 1  2  3  TRACO Electronic AG
TEN6 DC/DC Converters - TEN 6 Series 6 Watt 1  2  3  TRACO Electronic AG
TEN15WI DC/DC Converters - TEN 15WI Series 15 Watt 1  2  3  TRACO Electronic AG
TEN25 DC/DC Converters - TEN 25 Series 25/30 Watt 1  2  3  TRACO Electronic AG
TES2N DC/DC Converters - TES 2N Series 2 Watt 1  2  3  TRACO Electronic AG
TES6 DC/DC Converters - TES 6 Series 6/7 5 Watt 1  2  3  TRACO Electronic AG
TES20 DC/DC Converters - TES 20 Series 20 Watt 1  2  3  TRACO Electronic AG
THD10 DC/DC Converters - THD 10 Series 10 Watt 1  2  3  TRACO Electronic AG
THD12 DC/DC Converters - THD 12 Series 12 Watt 1  2  3  TRACO Electronic AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn