Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TEN30-2408WI Datasheet(PDF) 2 Page - TRACO Electronic AG

Part No. TEN30-2408WI
Description  DC/DC Converters - TEN 30WI Series, 30 Watt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN30-2408WI Datasheet(HTML) 2 Page - TRACO Electronic AG

  TEN30-2408WI Datasheet HTML 1Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 2Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 3Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 4Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 5Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 6Page - TRACO Electronic AG TEN30-2408WI Datasheet HTML 7Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.tracopower.com
Input Specifications
Input current at no load
24 Vin:
1.8 Vout models: 45 mA typ.
2.5/3.3 Vout models: 60 mA typ.
other models: 80 mA typ.
48 Vin:
1.8 Vout models: 25 mA typ.
2.5/3.3 Vout models: 40 mA typ.
other models: 55 mA typ.
Input current at full load
24 Vin:
1.8 Vout models: 760 mA typ.
2.5/3.3 Vout models: 1000 mA typ.
other models: 1500 mA typ.
48 Vin:
1.8 Vout models: 390 mA typ.
2.5 / 3.3 Vout models: 500 mA typ.
other models: 750 mA typ.
Input voltage variation (dv/dt)
5 V/ms, max.
(complies with ETS 300 132 part. 4.4)
Start-up voltage / under voltage lockout
24 Vin models: 10 VDC / 8 VDC (typ.)
48 Vin models: 18 VDC / 16 VDC (typ.)
Surge voltage (100 msec. max.)
24 Vin models: 50 V max.
48 Vin models: 100 V max.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A with
external capacitor (see note 1)
ESD (input)
EN 61000-4-2, perf. criteria B
Fast transient (input)
EN 61000-4-4, perf. criteria B
Surge (input)
EN 61000-4-5, perf. criteria B
Output Specifications
Voltage set accuracy
± 1 %
Output voltage adjustment
± 10 %
Regulation
– Input variation Vin min. to Vin max.
± 0.5 % max.
– Load variation 10 – 100%:
single output models: ± 0.5 % max.
dual output models: ± 1.0 % max.
– Load cross variation 25 % / 100 %
± 5 % max.
Temperature coefficient
± 0.02 % /K
Ripple and noise (20 MHz Bandwidth):
75 mVpk-pk max.
Start up time (nominal Vin and constant resistive load)
10 ms typ.
Transient response setting time (25% load step chang)
300 µs typ.
Short circuit protection
indefinite (automatic recovery)
Over load protection
150% of Iout max typ. foldback
Thermal shutdown
@ 115°C typ
Over voltage protection
1.8 / 2.5 Vout models: 3.0 / 3.6 V
3.3 / 5.1 Vout models: 3.9 / 6.2 V
12 / 15 Vout models: 15 / 18 V
Minimum load (only for dual output models)
10% of rated max current (operation at lower load
condition will not damage these converters, however,
they may not meet all listed specifications)
Capacitive load
1.8 / 2.5 Vout models: 65’000 µF max./ 33’000 µF max.
3.3 / 5.0 Vout models: 19’500 µF max./ 10’200 µF max.
12 / 15 Vout models: 3’300 µF max./ 1’100 µF max.
±12 / ±15 Vout models: ±1’000 µF max./ ±680 µF max. (per output)
DC/DC Converters
TEN 30WI
30 Watt
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Page 2 of 7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TEN40 DC/DC Converters - TEN 40 Series 40 Watt Coming Soon TRACO Electronic AG
TEN5WI DC/DC Converters - TEN 5WI Series 6 Watt 1  2  3  TRACO Electronic AG
TEN6 DC/DC Converters - TEN 6 Series 6 Watt 1  2  3  TRACO Electronic AG
TEN15WI DC/DC Converters - TEN 15WI Series 15 Watt 1  2  3  TRACO Electronic AG
TEN25 DC/DC Converters - TEN 25 Series 25/30 Watt 1  2  3  TRACO Electronic AG
TES2N DC/DC Converters - TES 2N Series 2 Watt 1  2  3  TRACO Electronic AG
TES6 DC/DC Converters - TES 6 Series 6/7 5 Watt 1  2  3  TRACO Electronic AG
TES20 DC/DC Converters - TES 20 Series 20 Watt 1  2  3  TRACO Electronic AG
THD10 DC/DC Converters - THD 10 Series 10 Watt 1  2  3  TRACO Electronic AG
THD12 DC/DC Converters - THD 12 Series 12 Watt 1  2  3  TRACO Electronic AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn