Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TEN25 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part No. TEN25
Description  DC/DC Converters - TEN 25 Series, 25/30 Watt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TEN25 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TEN25 Datasheet HTML 1Page - TRACO Electronic AG TEN25 Datasheet HTML 2Page - TRACO Electronic AG TEN25 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
Features
Wide 2:1 Input Range
Very high Efficiency up to 89%
Extended Operating Temperature
Range –40°C to +85°C
Adjustable Output Voltage
Remote On/Off
Continuous Short Circuit Protection
Over Voltage Protection
I/O-Isolation 1500 VDC
Input Filter meets EN 55022, Class A and
FCC, Level A without external Components
3 Year Product Warranty
DC/DC Converters
TEN 25 Series, 25/30 Watt
The TEN 25 series is a range of isolated DC/DC converters with high power density
in a 51x41x9.5mm shielded metal case. All 18 models have a wide 2:1 input volt-
age range. The very high efficiency allows a safe operating temperature range of
–40°C to +85°C. Other features are internal EMI-filter to meet EN55022, class A
and remote On/Off. Typical applications for these converter modules are industrial
electronics, communication systems, battery operated equipment and distributed
power systems.
Ordercode
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TEN 25-1210WI
3.3 VDC
5’500 mA
81 %
TEN 25-1211WI
5 VDC
5‘000 mA
84 %
TEN 25-1212WI
12 VDC
2‘500 mA
88 %
TEN 25-1213WI
9 – 18 VDC
15 VDC
2‘000 mA
88 %
TEN 25-1222WI
± 12 VDC
± 1‘250 mA
88 %
TEN 25-1223WI
± 15 VDC
± 1‘000 mA
88 %
TEN 25-2410WI
3.3 VDC
5’500 mA
82 %
TEN 25-2411WI
5 VDC
5‘000 mA
85 %
TEN 25-2412WI
12 VDC
2‘500 mA
89 %
TEN 25-2413WI
18 – 36 VDC
15 VDC
2‘000 mA
89 %
TEN 25-2422WI
± 12 VDC
± 1‘250 mA
89 %
TEN 25-2423WI
± 15 VDC
± 1‘000 mA
89 %
TEN 25-4810WI
3,3 VDC
5’500 mA
82 %
TEN 25-4811WI
5 VDC
5‘000 mA
85 %
TEN 25-4812WI
12 VDC
2‘500 mA
89 %
TEN 25-4813WI
36 – 75 VDC
15 VDC
2‘000 mA
89 %
TEN 25-4822WI
± 12 VDC
± 1‘250 mA
89 %
TEN 25-4823WI
± 15 VDC
± 1‘000 mA
89 %
Models


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TEN40 DC/DC Converters - TEN 40 Series 40 Watt Coming Soon TRACO Electronic AG
TEN5WI DC/DC Converters - TEN 5WI Series 6 Watt 1  2  3  TRACO Electronic AG
TEN6 DC/DC Converters - TEN 6 Series 6 Watt 1  2  3  TRACO Electronic AG
TEN15WI DC/DC Converters - TEN 15WI Series 15 Watt 1  2  3  TRACO Electronic AG
TEN30-2408WI DC/DC Converters - TEN 30WI Series 30 Watt 1  2  3  4  5  More TRACO Electronic AG
TES2N DC/DC Converters - TES 2N Series 2 Watt 1  2  3  TRACO Electronic AG
TES6 DC/DC Converters - TES 6 Series 6/7 5 Watt 1  2  3  TRACO Electronic AG
TES20 DC/DC Converters - TES 20 Series 20 Watt 1  2  3  TRACO Electronic AG
THD10 DC/DC Converters - THD 10 Series 10 Watt 1  2  3  TRACO Electronic AG
THD12 DC/DC Converters - THD 12 Series 12 Watt 1  2  3  TRACO Electronic AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn