Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C114G102C1G5CP Datasheet(PDF) 8 Page - Kemet Corporation

Part # C114G102C1G5CP
Description  MILITARY SPECIFCATIONS ON BACK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C114G102C1G5CP Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C114G102C1G5CP Datasheet HTML 4Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 5Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 6Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 7Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 8Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 9Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 10Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 11Page - Kemet Corporation C114G102C1G5CP Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CERAMIC CONFORMALLY COATED/RADIAL
“GOLDEN MAX”
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
8
KEMET
®
S
C315
C320
C330
C340
C350
H
*
C333
H
*.276 (7.00) MIN.
S
C323
H
*
S
H
*
C317
C322
S
D
.060
(1.52)
MAX.
L
T
*
DIMENSIONS — INCHES & MILLIMETERS
CASE
L
H
T
S(1)
D
SIZE
MAX.
MAX.
MAX.
±.030
+.004 - .001
C315
.150 (3.81)
.210 (5.33)
.100 (2.54)
.100 (2.54)
.020 (.51)
C317
.150 (3.81)
.230 (5.84)
.100 (2.54)
.200 (5.08)
.020 (.51)
C320
.200 (5.08)
.260 (6.60)
.125 (3.18)
.100 (2.54)
.020 (.51)
C322
.200 (5.08)
.260 (6.60)
.125 (3.18)
.200 (5.08)
.020 (.51)
C323
.200 (5.08)
.320 (8.13)
.125 (3.18)
.200 (5.08)
.020 (.51)
C330
.300 (7.62)
.360 (9.14)
.150 (3.81)
.200 (5.08)
.020 (.51)
C333
.300 (7.62)
.390 (9.91)
.150 (3.81)
.200 (5.08)
.020 (.51)
C340
.400 (10.16)
.460 (11.68)
.150 (3.81)
.200 (5.08)
.020 (.51)
C350
.500 (12.70)
.560 (14.22)
.200 (5.08)
.400 (10.16)
.025 (.64)
NOTE: 1 inch = 25.4 mm.
NOTE: (1) Measured at seating plane.
For packaging information, see pages 33 and 34.
M
102
320
C
5
C
A
R
1
C
CERAMIC
CASE SIZE
(See Table Above)
SPECIFICATION
C — Standard
CAPACITANCE, CODE
Expressed in Picofarads (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros (Use 9 for 1.0
thru 9.9 pF. Example: 2.2pF — 229)
FAILURE RATE
INTERNAL
CONSTRUCTION
CAPACITANCE TOLERANCE
D —
±0.5 pF
F —
±1%
G —
±2%
J —
±5%
A — Not Applicable
K —
±10%
M —
±20%
Z — -20, +80%
LEAD MATERIAL
C — Standard
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NP0) — Ultra-Stable
R — X7R — Stable
U — Z5U — General Purpose
RATED VOLTAGE
2 — 200
1 — 100
5 —
50
*
*Part Number Example: C320C102M1R5CA (14 digits – no spaces)
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions.
See page 9 for optional lead configurations.
STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS
0988 Layout rev
8/9/2000 9:54 AM
Page 8


Similar Part No. - C114G102C1G5CP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114G102C1G5CP KEMET-C114G102C1G5CP Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
More results

Similar Description - C114G102C1G5CP

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
KBJ8A YEASHIN-KBJ8A Datasheet
428Kb / 2P
   TECHNICAL SPECIFCATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
   Peel and stick 3M adhesive on back
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
JAN1N3611 MICROSEMI-JAN1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Microsemi Corporation
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Vishay Siliconix
MIL-PRF-83401 VISHAY-MIL-PRF-83401 Datasheet
502Kb / 2P
   MILITARY NETWORKS
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com