Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVA2415TZ Datasheet(PDF) 1 Page - Calogic, LLC

Part # CVA2415TZ
Description  CRT Driver Amplifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2415TZ Datasheet(HTML) 1 Page - Calogic, LLC

  CVA2415TZ Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CRT Driver Amplifiers
DC Restore
P/N
VCC
Dynamic Range
CVA4501
150V
45V
CVA4502
200V
55V
Video Buffer & Level Shifter
P/N
Slew Rate
Bandwidth
Output Voltage
Supply
Supply
Level Shift
Current
Voltage
CVA4402
8,000V/
µs
400MHz
VIN -3V
5mA
±3V to ±15V
CVA4403 11,000V/
µs 400MHz
VIN -3V
5mA
-8V to +12V
Video Buffer
P/N
Slew Rate
Bandwidth
Output
Supply
Supply
Current
Current
Voltage
CVA4401 11,000V/
µs
400MHz
150mA
5mA
±3V to ±18V
CRT Pre-Amplifiers
P/N
Bandwidth
Supply Voltage
Speed (ns)
(MHz)
(V)
Rise
Fall
CVA1233
100
12
3.0
4.0
S
W
I
T
C
H
sub
R,G,B
PRE
AMP
B
U
F
F
E
R
CRT
DRIVER
R
G
B
H
V
D
DC
RESTORE
CRT
*
CVA1233
CVA4401
CVA4501
TO-220
11 LEAD
12 LEAD
The Calogic Video Family
CRT Drivers
P/N
Topology
Vcc/Vp-p
Options
Channels
Horizontal
F = kHz
Resolution
CRT Size
Inches
Leads/Pkg.
CVA2400T
Cascode
80/50
G, EP
3
69
1280X1024
15, 17
11/TO-220
CVA2401T
Cascode
80/50
G, EP
3
85
1600X1280
17, 19
11/TO-220
CVA2403T
Cascode
80/50
G, EP
3
95
1600X1280
19, 21
11/TO-220
CVA2404T
Cascode
80/50
3
64
1280X1024
14, 15
11/TO-220
CVA2405T
Cascode
80/50
3
69
1280X1024
15, 17
11/TO-220
CVA2407T
Cascode
80/50
3
82
1280X1024
17, 19
11/TO-220
CVA2411TX
Cascode
80/50
G, EP, SH
3
69
1280X1024
15, 17
11/TO-220
CVA2412AX
Cascode
80/50
G, EP, SH
3
88
1600X1280
17, 19
11/TO-220
CVA2415TZ
Cascode
80/50
3
56
1280X1024
14, 15
11/TO-220
CVA2417TX
Cascode
80/50
3
64
1280X1024
15, 17
11/TO-220
CVA2419TX
Cascode
80/50
3
64
1280X1024
15, 17
11/TO-220
CVA2422TL
Cascode
80/50
G, EP
3
64
1280X1024
15, 17
11/TO-220
CVA2455T
Active Load
80/50
3
95
1600X1280
17, 19
11/TO-220
CVA2456T
Active Load
80/50
3
110
1600X1280
19, 21
11/TO-220
CVA3404T
Cascode
80/50
EP
3
64
1280X1024
14, 15
11/TO-220
CVA3405T
Cascode
80/50
EP
3
72
1280X1024
15, 17
11/TO-220
CVA3407T
Cascode
80/50
EP
3
85
1280X1024
17, 19
11/TO-220
CVA3415T
Active Load
80/50
EP
1
120
1600X1280
19, 21
11/TO-220
CVA3424T
Active Load
80/50
1
110
1600X1280
19, 21
11/TO-220
CVA6627S
Active Load
80/50
3
95
1600X1280
17, 19
12/SIP
CVA6629S
Active Load
80/50
3
105
1600X1280
19, 21
12/SIP
CVA24150T
Cascode
150/120
EP
1
HDTV
TV-Monitor
11/TO-220
EP = Emitter Peaking
G = Gain Control
SH = Smal Heat Sink
16-PIN DIP


Similar Part No. - CVA2415TZ

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2415TZ CALOGIC-CVA2415TZ Datasheet
48Kb / 4P
   Improved Triple 75MHz CRT Driver
More results

Similar Description - CVA2415TZ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2150AQ SONY-CXA2150AQ Datasheet
1,014Kb / 90P
   CRT DRIVER
logo
Calogic, LLC
CVA1556N CALOGIC-CVA1556N Datasheet
162Kb / 8P
   CRT Driver
CVA24150T CALOGIC-CVA24150T Datasheet
57Kb / 5P
   180V CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA3424A CALOGIC-CVA3424A Datasheet
38Kb / 4P
   185MHz CRT Driver
logo
National Semiconductor ...
LH2422 NSC-LH2422 Datasheet
197Kb / 7P
   CRT VIDEO DRIVER AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com