Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CW26-QR000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-CW26-QR000
Description  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW26-QR000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-CW26-QR000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.agilent.com/
semiconductors
For product information and a complete list
of distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312
or (408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/Inter-
national), or 0120-61-1280(Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004-2005 Agilent Technologies, Inc.
Obsoletes 5989-3101EN
July 18, 2005
5989-3532EN
Color Bin Limit Table
Note:
1. Bin categories are established for classification of products. Products may not be available in all
bin categories. Please contact your Agilent representative for information on currently available
bins.
Rank
Limits (Chromaticity Coordinates)
1
X
0.330
0.330
0.356
0.361
Y
0.360
0.318
0.351
0.385
2
X
0.287
0.296
0.330
0.330
Y
0.295
0.276
0.318
0.339
3
X
0.264
0.280
0.296
0.283
Y
0.267
0.248
0.276
0.305
4
X
0.283
0.287
0.330
0.330
Y
0.305
0.295
0.339
0.360
Color Bin Limits with Respect to CIE
1931 Chromaticity Diagram
0.40
0.35
0.30
0.25
0.20
0.26
0.30
0.34
0.38
X-COORDINATE
3
2
4
1
BLACK
BODY
CURVE
Tolerance for each bin limit is
± 0.01


Similar Part No. - HLMP-CW26-QR000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW23 AVAGO-HLMP-CW23 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-SV0XX AVAGO-HLMP-CW23-SV0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-SVKXX AVAGO-HLMP-CW23-SVKXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-TW0XX AVAGO-HLMP-CW23-TW0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW24 AVAGO-HLMP-CW24 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

Similar Description - HLMP-CW26-QR000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com