Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGP14N60E Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MGP14N60E
Description  SHORT CIRCUIT RATED LOW ON-VOLTAGE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MGP14N60E Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Motorola IGBT Device Data
Designer's™ Data Sheet
Insulated Gate Bipolar Transistor
N–Channel Enhancement–Mode Silicon Gate
This Insulated Gate Bipolar Transistor (IGBT) uses an advanced
termination scheme to provide an enhanced and reliable high
voltage–blocking capability. Its new 600 V IGBT technology is
specifically suited for applications requiring both a high tempera-
ture short circuit capability and a low VCE(on). It also provides fast
switching characteristics and results in efficient operation at high
frequencies. This new E–series introduces an energy efficient,
ESD protected, and short circuit rugged device.
• Industry Standard TO–220 Package
• High Speed: Eoff = 63 mJ/A typical at 125°C
• High Voltage Short Circuit Capability – 10 ms minimum at 125°C, 400 V
• Low On–Voltage 2.0 V typical at 10 A, 125°C
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
600
Vdc
Collector–Gate Voltage (RGE = 1.0 MΩ)
VCGR
600
Vdc
Gate–Emitter Voltage — Continuous
VGE
±20
Vdc
Collector Current — Continuous @ TC = 25°C
— Continuous @ TC = 90°C
— Repetitive Pulsed Current (1)
IC25
IC90
ICM
18
14
28
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
112
0.89
Watts
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to 150
°C
Short Circuit Withstand Time
(VCC = 400 Vdc, VGE = 15 Vdc, TJ = 125°C, RG = 20 Ω)
tsc
10
ms
Thermal Resistance — Junction to Case – IGBT
— Junction to Ambient
R
θJC
R
θJA
1.1
65
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
260
°C
Mounting Torque, 6–32 or M3 screw
10 lbf
Sin (1.13 NSm)
(1) Pulse width is limited by maximum junction temperature. Repetitive rating.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
Order this document
by MGP14N60E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGP14N60E
IGBT IN TO–220
14 A @ 90
°C
18 A @ 25
°C
600 VOLTS
SHORT CIRCUIT RATED
LOW ON–VOLTAGE
CASE 221A–09
STYLE 9
TO–220AB
C
E
G
G
C
E
© Motorola, Inc. 1997


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGP11N60ESHORT CIRCUIT RATED LOW ON-VOLTAGE 1 2 3 4 5 ON Semiconductor
MGP11N60EDSHORT CIRCUIT RATED LOW ON-VOLTAGE 1 2 3 4 5 MoreON Semiconductor
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn