Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER0806G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER0806G
Description  8.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER0806G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER0806G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER0806G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 341 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HER0801G THRU HER0808G)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
10
LEAD TEMPERATURE. ( C)
o
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=75 C
0
Tj=125 C
0
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
2
5
10
20
100
50
50
25
125
100
75
150
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL JUNCTION CAPACITANCE
15
2
10
20
50
100
200
500
40
0
80
120
160
200
240
REVERSE VOLTAGE. (V)
HER0801G~HER0805G
HER
080
6G
~HE
R08
08G
FIG.6- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.03
0.3
1
3
10
30
100
0.1
FORWARD VOLTAGE. (V)
HE
R0
80
5G
HER0806G~HER0808G
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
1000
Tj=25 C
0


Similar Part No. - HER0806G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER0806G TSC-HER0806G Datasheet
352Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER0806G LUGUANG-HER0806G Datasheet
237Kb / 2P
   8AMP. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER0806G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER801G TSC-HER801G Datasheet
64Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER0801G TSC-HER0801G_1 Datasheet
352Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER801G TSC-HER801G_1 Datasheet
269Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G_1 Datasheet
259Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G_10 Datasheet
608Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G Datasheet
67Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_10 Datasheet
638Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_1 Datasheet
268Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
DIYI Electronic Technol...
8A05G DYELEC-8A05G Datasheet
644Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com