Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRAF1603G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # FRAF1603G
Description  Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRAF1603G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  FRAF1603G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRAF1603G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 467 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (FRAF1601G THRU FRAF1607G)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4.0
8.0
12.0
16.0
20.0
CASE TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
50
200
250
300
150
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.6- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.8
.9
1.0
1.1
1.2
1.3
1.4
1.5
.1
.2
.4
1.0
2
4
10
20
40
80
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1.0
5
10
50
100
500 1000
50
100
150
200
250
300
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
0
0


Similar Part No. - FRAF1603G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRAF1603G TSC-FRAF1603G Datasheet
271Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRAF1603G LUGUANG-FRAF1603G Datasheet
228Kb / 2P
   Isolated 16.0AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRAF1603G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_1 Datasheet
259Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_09 Datasheet
193Kb / 2P
   16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_1 Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_10 Datasheet
46Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G Datasheet
115Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com