Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA802G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FRA802G
Description  8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRA802G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FRA802G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRA802G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 452 -
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
Case Positive
CASE
FRA801G THRU FRA807G
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
8.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds .16”,(4.06mm) from
case.
Mounting position: Any
Weight: 2.24 grams
TO-220A
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FRA
801G
FRA
802G
FRA
803G
FRA
804G
FRA
805G
FRA
806G
FRA
807G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC = 55
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Maximum Instantaneous Forward Voltage @ 8.0A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
at Rated DC Blocking Voltage @ TC=125
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 1 ) TJ=25
Cj
60
pF
Typical Thermal Resistance (Note 3)
R
θJC
3.0
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, with Heatsink size 2” x 3” x 0.25” Al-Plate


Similar Part No. - FRA802G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA802G TSC-FRA802G Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Silicon Standard Corp.
FRA802G SSC-FRA802G Datasheet
178Kb / 3P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FRA802G MCC-FRA802G Datasheet
489Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FRA802G TSC-FRA802G Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRA802G LUGUANG-FRA802G Datasheet
203Kb / 2P
   8.0AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRA802G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G_10 Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G_1 Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Silicon Standard Corp.
FRA801G SSC-FRA801G Datasheet
178Kb / 3P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRAF801G TSC-FRAF801G Datasheet
82Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF801G TSC-FRAF801G_1 Datasheet
264Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
MUR820 TSC-MUR820_1 Datasheet
245Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G_1 Datasheet
344Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G Datasheet
55Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G Datasheet
95Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_1 Datasheet
262Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com