Electronic Components Datasheet Search |
|
LPS1T20R2KRN1AF1Z Datasheet(PDF) 2 Page - Littelfuse |
|
LPS1T20R2KRN1AF1Z Datasheet(HTML) 2 Page - Littelfuse |
2 / 2 page Catalog Option Option Option Option Option Option Option Option No Rating Rating Code Rating Code Rating Code Rating Code Rating Code Rating Code Rating Code Rating Code LPS3 30A 208V T20 24 VDC Coil R2 120V K Red R 30–60A N6 1 NO & 1 NC A Single Pole F1 NEMA 3R U LPS6 60A 240V T24 120 VAC Coil R1 Green G 100A N1 2 NO & 2 NC B Three Pole F3 NEMA 4 Y LPS1 100A 480V T48 White W 200A N2 NEMA 12 Z LPS2 200A 600V T60 400A N4 LPS4 400A Catalog Amp NEMA 1 NEMA 3R NEMA 4, 12 Lug Series Rating Dimensions Dimensions Dimensions Size LPS3 30 24”H x 20”W x 9”D 24”H* x 20”W x 8”D 24”H x 20”W x 10”D #14 - #8 AL or CU LPS6 60 24”H x 20”W x 9”D 24”H* x 20”W x 8”D 24”H x 20”W x 10”D #14 - #8 AL or CU LPS1 100 24”H x 20”W x 9”D 24”H* x 20”W x 8”D 24”H x 20”W x 10”D #8 - 1/0 AL or CU LPS2 200 30”H x 20”W x 9”D 30”H* x 20”W x 8”D 24”H x 20”W x 10”D #6 - 250kcmil AL or CU LPS4 400 48”H x 36”W x 12”D Contact Factory Contact Factory Contact Factory Amp Voltage Max Max Momentary Rating Rating Inrush Ontime Inrush 30–400 120V, 60Hz 4A 1.5 cycles 140VA Littelfuse Switch Catalog Number Control Power Transformer Std. 100VA with PRI & SEC Fuse (120V Sec.) Fire Safety Interface Relay (3PDT, 10amp, 120V) Key to Test Switch Pilot Light “ON” Isolated Neutral Lug Mechanical Interlock Auxilliary Contact forHydraulic Elevators w/ Automatic Recall (5 amp 120 VAC rated) Fire Alarm Voltage Monitoring Relay (Tp Monitor Shunt Trip Voltage) Optional Enclosures 149 LPS Series POWR-SWITCH SPECIFICATIONS Approvals: UL Listed and CSA Certified Rating: 30A, 60A, 100A, 200A, 400A Shunt Trip Ratings: ORDERING INFORMATION Complete catalog numbers consist of switch catalog numbers and the desired options. See example below. ENCLOSURE DIMENSIONS Note: Over-size enclosures used to accomodate control power transformer, interface relay and terminal blocks. *For NEMA 3R enclosures add 2 inches to height for mounting tabs. Example Catalog Number: LPS T8 R1 K N1 U = Littelfuse Catalog Number LPS1T48R1KN1U Note: Desired options must appear in the order shown above. Typical options include Control Power Transformer, Fire Safety Interface Relay, Mechanical Interlock Auxiliary Contact and Fire Alarm Voltage Monitoring Relay. |
Similar Part No. - LPS1T20R2KRN1AF1Z |
|
Similar Description - LPS1T20R2KRN1AF1Z |