Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC84-74HC393 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC84-74HC393
Description  Dual 4-Stage Binary Ripple Counter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC84-74HC393 Datasheet(HTML) 1 Page - ON Semiconductor

  MC84-74HC393 Datasheet HTML 1Page - ON Semiconductor MC84-74HC393 Datasheet HTML 2Page - ON Semiconductor MC84-74HC393 Datasheet HTML 3Page - ON Semiconductor MC84-74HC393 Datasheet HTML 4Page - ON Semiconductor MC84-74HC393 Datasheet HTML 5Page - ON Semiconductor MC84-74HC393 Datasheet HTML 6Page - ON Semiconductor MC84-74HC393 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Dual 4-Stage
Binary Ripple Counter
High–Performance Silicon–Gate CMOS
The MC54/74HC393 is identical in pinout to the LS393. The device inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
This device consists of two independent 4–bit binary ripple counters with
parallel outputs from each counter stage. A
÷ 256 counter can be obtained
by cascading the two binary counters.
Internal flip–flops are triggered by high–to–low transitions of the clock
input. Reset for the counters is asynchronous and active–high. State
changes of the Q outputs do not occur simultaneously because of internal
ripple delays. Therefore, decoded output signals are subject to decoding
spikes and should not be used as clocks or as strobes except when gated
with the Clock of the HC393.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 236 FETs or 59 Equivalent Gates
LOGIC DIAGRAM
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
PIN 14 = VCC
PIN 7 = GND
BINARY
COUNTER
MC54/74HC393
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Clock
Reset
Outputs
X
H
L
H
L
No Change
L
L
No Change
L
No Change
L
Advance to
Next State
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Q2b
Q1b
RESET b
CLOCK b
VCC
Q4b
Q3b
Q2a
Q1a
RESET a
CLOCK a
GND
Q3a
Q4a
D SUFFIX
SOIC PACKAGE
CASE 751A–03
N SUFFIX
PLASTIC PACKAGE
CASE 646–06
ORDERING INFORMATION
MC54HCXXXJ
MC74HCXXXN
MC74HCXXXD
Ceramic
Plastic
SOIC
1
14
1
14
J SUFFIX
CERAMIC PACKAGE
CASE 632–08
1
14


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn