Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10210 Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # ZL10210
Description  DVB-C Cable Channel Demodulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10210 Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button ZL10210 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL10210 Datasheet HTML 17Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ZL10210
Data Sheet
13
Zarlink Semiconductor Inc.
2.2.4
MOCLKINV = 1
Figure 8 - MPEG Timing - MOCLKINV = 1
2.2.5
MOCLKINV = 0
MDOSWAP = 0
The hold time is better when MOCLKINV = 1, therefore this should be used if possible.
Figure 9 - MPEG Timing - MOCLKINV = 0
Parameter
Delay Conditions
Units
Maximum
Minimum
Data output delay tD
3.0
1.0
ns
Setup Time tSU
7.0
10.0
Hold Time tH
7.0
10.0
Parameter
Delay Conditions
Units
Maximum
Minimum
Data output delay tD
3.0
1.0
ns
Setup Time tSU
18.0
20.0
Hold Time tH
1.0
0.2
tD
tSU
MOCLK
MDO
MOSTRT
MOVAL
BKERRB }
tH
BKERR
tD
tSU
MOCLK
MDO
MOSTRT
MOVAL
BKERRB }
tH
BKERR


Similar Part No. - ZL10210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
ZL10 PERICOM-ZL10 Datasheet
167Kb / 1P
   10-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
STMicroelectronics
STI7167 STMICROELECTRONICS-STI7167 Datasheet
136Kb / 10P
   Advanced STB decoder with integrated DVB-T/DVB-C demodulator
STI7162 STMICROELECTRONICS-STI7162 Datasheet
78Kb / 3P
   Advanced STB decoder with integrated DVB-T/DVB-C demodulator
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com