Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV161ANSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV161ANSR
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV161ANSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV161ANSR Datasheet HTML 6Page - Texas Instruments SN74LV161ANSR Datasheet HTML 7Page - Texas Instruments SN74LV161ANSR Datasheet HTML 8Page - Texas Instruments SN74LV161ANSR Datasheet HTML 9Page - Texas Instruments SN74LV161ANSR Datasheet HTML 10Page - Texas Instruments SN74LV161ANSR Datasheet HTML 11Page - Texas Instruments SN74LV161ANSR Datasheet HTML 12Page - Texas Instruments SN74LV161ANSR Datasheet HTML 13Page - Texas Instruments SN74LV161ANSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN54LV161A, SN74LV161A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS404E − APRIL 1998 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV161A
SN74LV161A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF*
80*
165*
70*
70
MHz
fmax
CL = 50 pF
55
125
50
50
MHz
Q
6
12.8
1*
15*
1
15
tpd*
CLK
RCO
(count mode)
6.7
13.6
1*
16*
1
16
tpd*
CLK
RCO
(preset mode)
CL = 15 pF
8.6
17.2
1*
20*
1
20
ns
ENT
RCO
L
6.2
12.3
1*
14.5*
1
14.5
tPHL*
CLR
Q
6.5
13.6
1*
16*
1
16
tPHL*
CLR
RCO
7.2
13.2
1*
15.5*
1
15.5
Q
7.8
16.3
1
18.5
1
18.5
tpd
CLK
RCO
(count mode)
8.7
17.1
1
19.5
1
19.5
tpd
CLK
RCO
(preset mode)
CL = 50 pF
10.6
20.7
1
23.5
1
23.5
ns
ENT
RCO
L
8.3
15.8
1
18
1
18
tPHL
CLR
Q
8.4
17.1
1
19.5
1
19.5
tPHL
CLR
RCO
9.2
16.7
1
19
1
19
* On products compliant to MIL-PRF-38535, this parameter is not production tested.


Similar Part No. - SN74LV161ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV161ANSR TI-SN74LV161ANSR Datasheet
501Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY CONTERS
SN74LV161ANSR TI-SN74LV161ANSR Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74LV161ANSRE4 TI-SN74LV161ANSRE4 Datasheet
501Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY CONTERS
More results

Similar Description - SN74LV161ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com