Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV161A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LV161A
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV161A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV161A Datasheet HTML 1Page - Texas Instruments SN54LV161A Datasheet HTML 2Page - Texas Instruments SN54LV161A Datasheet HTML 3Page - Texas Instruments SN54LV161A Datasheet HTML 4Page - Texas Instruments SN54LV161A Datasheet HTML 5Page - Texas Instruments SN54LV161A Datasheet HTML 6Page - Texas Instruments SN54LV161A Datasheet HTML 7Page - Texas Instruments SN54LV161A Datasheet HTML 8Page - Texas Instruments SN54LV161A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54LV161A, SN74LV161A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS404E − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 9.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Internal Look-Ahead for Fast Counting
D Carry Output for n-Bit Cascading
D Synchronous Counting
D Synchronously Programmable
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’LV161A devices are 4-bit synchronous
binary counters designed for 2-V to 5.5-V VCC
operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 40
SN74LV161AD
LV161A
SOIC − D
Reel of 2500
SN74LV161ADR
LV161A
SOP − NS
Reel of 2000
SN74LV161ANSR
74LV161A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV161ADBR
LV161A
−40
°C to 85°C
Tube of 90
SN74LV161APW
TSSOP − PW
Reel of 2000
SN74LV161APWR
LV161A
TSSOP − PW
Reel of 250
SN74LV161APWT
LV161A
TVSOP − DGV
Reel of 2000
SN74LV161ADGVR
LV161A
CDIP − J
Tube of 25
SNJ54LV161AJ
SNJ54LV161AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV161AW
SNJ54LV161AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV161AFK
SNJ54LV161AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54LV161A ...J OR W PACKAGE
SN74LV161A . . . D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
SN54LV161A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D


Similar Part No. - SN54LV161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV161A TI-SN54LV161A Datasheet
501Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY CONTERS
SN54LV161A TI-SN54LV161A Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_07 Datasheet
501Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY CONTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN54LV161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com