Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM-202BTA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICM-202BTA
Description  CIF/QCIF CMOS image sensor with digital YUV output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-202BTA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICM-202BTA Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-202BTA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 5
Confidential
5
Functional Description
1.1 Image Array
The image array consists of 352x288 pixels. Each pixel has a light sensitive photo diode and a set of
control and transfer transistors. At the beginning of the cycle, a row of pixels are pre-charged to its
maximum value. Then they are exposed to light for several lines worth of time and sampled by the ADC.
Correlated double sampling (CDS) is performed by subtracting the reset value (sampled right before
sampling the signal) from the signal value. The purpose of CDS is to eliminate the point-wise fixed
pattern noise (FPN). The output of CDS is approximately proportional to the amount of received light,
ranging from 0 to 255.
1.2 Color Filter
Each pixel is covered by a color filter. They form the Bayer Pattern as shown in Figure 2. (Row 0, Column
0) is covered by a Red filter, (Row 0, Column 1) and (Row 1, Column 0) by Green filters, and (Row 1,
Column 1) by a Blue filter. Since each pixel only gets part of the frequency band, the data need further
processing (i.e., color interpolation and color correction) in order to approximate the full visible spectrum.
Figure 2. Color filter Bayer pattern
1.3 Exposure and Gain Control
The brightness of the scene may change by a great amount that renders the captured image either
over-exposed or under-exposed. To accommodate for different brightness, the user may change the
exposure time by adjusting the AD_EXPOSE_TIMEH, and AD_EXPOSE_TIMEL. The exposure time is
measured in terms of the time to read out one line of data, which is equal to 83.3 µs (assuming the line
length is 500 @ 12 MHz). If the number of lines per frame is set at 400 (the default), the exposure time can
vary from 1 to 399 lines. In addition, users can adjust bit 7 to 5 of register AD_COL_BEGINH to digitally
boost the output value by 1 to 64 times @ 2N for all the pixels. Furthermore, users can adjust registers
AD_M1_L, AD_M1_H, AD_M2_L, AD_M2_H, AD_M3_L, AD_M3_H, AD_M4_L, AD_M4_H, to
optimize the RGB gain (from 1/256 to 8) of the 4 Bayer pattern pixels separately.
50/60Hz anti-flickering control
To eliminate the flickering caused by the 50Hz or 60Hz light source normally found indoor, an
anti-flickering control circuit is build in. The selection is between off and on. When it is on, then the
selection is between 50 or 60Hz. Register address is to be defined.
R
R
G
G
R
R
G
G
G
B
G
B
G
B
G
B
R
R
G
G
R
R
G
G
G
B
G
B
G
B
G
B


Similar Part No. - ICM-202BTA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-205BSA ETC1-ICM-205BSA Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20608-G TDK-ICM-20608-G Datasheet
719Kb / 35P
   MotionTracking Device
More results

Similar Description - ICM-202BTA

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
   CMOS QCIF DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
   CIF Color CMOS Sensor with USB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com