Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM202B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. ICM202B
Description  CIF/QCIF CMOS image sensor with digital YUV output
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

ICM202B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICM202B Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 6
Confidential
6
Auto Exposure
The Auto Exposure circuit control the Exposure Time, Digital Gain, and Anti-flickering function
automatically. The following features are provided:
. Disable/Enable AE
. Disable/Enable Anti-flickering
. Disable/Enable Digital Gain
. Disable/Enable Fix Frame Rate
. Adjustable Maximum/Minimum Frame Rate
. Adjustable AE Target brightness value
The following registers are use to control these features:
0x3A (AD_AE_CTRL, Default = 7)
bit 0 : Disable/Enable AE
bit 1 : Disable/Enable Digital Gain
bit 2 : Disable/Enable Anti-flickering
bit 3 : Disable/Enable Fix Frame Rate
The default value enable AE, Anti-flickering, and Digital Gain.
0x3B (AD_AE_HIGH,AE Target value High Limit, Default = 0x65)
0x3C (AD_AE_LOW,AE Target value Low Limit, Default = 0x55)
Use AD_AEHIGH and AD_AELOW to set the target brightness of AE function.
0x3F,0x40 (AD_MAXFH, Maximum Frame Height, Default = 0xfff)
AD_MAXFH set the minimum frame rate of AE .
0x41,0x42 (AD_MINFH, Minimum Frame Height, Default = 0x190)
AD_MINFH set the maximum frame rate of AE .
0x44 (AD_AFSTEP, Anti-flickering Exposure Time Step, Default = 0x64)
Use AD_AFSTEP to setup 50 /60HZ Anti-flickering step.
1.4 Color Interpolation
Since the raw data coming out the sensor array has only one of the R, G, or B value for each pixel, we need
to perform interpolation to obtain a set of correlated RGB value for each pixel. The method used is based
on a 3x3 interpolation window. The result of this operation is a data stream consisting of 24-bit RGB per
pixel. After this step, the whole frame can be viewed as a color picture. However, since the RGB filters
and the photodiode are not perfect, the RGB values may have different strength. In addition, there are
some cross-talk among the RGB channels. That’s why we need the color correction (or white balancing)
step.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn