Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM202B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ICM202B
Description  CIF/QCIF CMOS image sensor with digital YUV output
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM202B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 3
Confidential
3
Application
Video cellular phone
PDA
Digital camcorder
Digital still camera
Video phone
Video conferencing
Video mail
PC camera
Security system
Visual toy
Industrial image capture/analysis
Environment monitor system
Key Parameters
Number of Active Pixels: 352 x 288
Number of Physical Pixels: 362 x 298
Frame Rate: from 30 to 1 fps, flexible
Pixel Size: 6.0 µm x 6.0 µm
Sensor Area: 2.2 mm x 1.8 mm (for 1/7” lens)
Main Clock Frequency: 3 to 12 MHz
Exposure Time: 83 µs (@ 30 fps, 1 line, 12 MHz) ~ 164 s (@ 1 fps, 65535 lines, 12 MHz), every step: 83 µs
Digital gain 1x – 64x @ 2N for all pixels
RGB gain from 1/256 to 8 in step of 1/256 for individual Bayer pattern pixels
S/N Ratio: TBD dB @ TBD lux
Target Power Supply: 2.8V +/- 0.2V
Target Power Requirement: <31mW (@ 15fps, 6 MHz, 2.8V),
Package: Shrunk Plastic LCC48 (ICM202Bsa)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn