Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2301 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-2301
Description  Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2301 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2301 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2301 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
Electrical Description
The HDSP-230X series of four
character alphanumeric displays
have been designed to allow the
user maximum flexibility in
interface electronics design. Each
four character display module
features Data In and Data Out
terminals arrayed for easy PC
board interconnection. Data Out
represents the output of the 7th
bit of digit number 4 shift
register. Shift register clocking
occurs on the high to low
transition of the Clock input. The
like columns of each character in
a display cluster are tied to a
single pin. Figure 5 is the block
diagram for the displays. High
true data in the shift register
enables the output current mirror
driver stage associated with each
row of LEDs in the 5 x 7 diode
array.
The TTL compatible VB input
may either be tied to VCC for
maximum display intensity or
pulse width modulated to achieve
intensity control and reduction in
power consumption.
The normal mode of operation
input data for digit 4, column 1,
Ambient Lighting
Display Color
Dim
Moderate
Bright
HDSP-2301 (Yellow)
Panelgraphic Yellow 27
Polaroid HNCP37
Chequers Amber 107
3M Light Control Film
Panelgraphic Gray 10
HDSP-2302 (HER)
Panelgraphic Ruby Red 60
Chequers Grey 105
Polaroid HNCP10
Chequers Red 112
HDSP-2303 (HP Green)
Panelgraphic Green 48
Chequers Green 107
Figure 6. Contrast Enhancement Filters.
Figure 5. Block Diagram of HDSP-2301/-2302/-2303.
LED
MATRIX
1
SERIAL
DECODED
DATA
INPUT
BLANKING
CONTROL
CLOCK
LED
MATRIX
2
LED
MATRIX
3
LED
MATRIX
4
55
55
77
77
77
77
28 BIT SIPO SHIFT REGISTER
DATA LOCATIONS
1 – 7
8 – 14
15 – 21
22 – 28
ROWS
1 – 7
CONSTANT CURRENT SINKING LED DRIVERS
ROWS
1 – 7
ROWS
1 – 7
ROWS
1 – 7
SERIAL
DECODED
DATA
OUTPUT
5
COLUMN DRIVE INPUTS


Similar Part No. - HDSP-2301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2001 HP-HDSP-2001 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2002 HP-HDSP-2002 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2003 HP-HDSP-2003 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
   FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2131 HP-HDSP-2131 Datasheet
228Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com