Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1ETDD1003D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RK73H1ETDD1003D
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73H1ETDD1003D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RK73H1ETDD1003D Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73H1ETDD1003D Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73H1ETDD1003D Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73H1ETDD1003D Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73H1ETDD1003D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE:
814-362-5536
FAX: 814-362-8883
4
FLAT CHIP
RESISTORS
DESCRIPTION OF CHIP RESISTORS
-
Eight (8) Available Sizes - 0201, 0402, 0603, 0805
1206, 1210, 2010, 2512
-
1/20 Watt to 1 Watt Power Ratings
-
0.1 Ohm to 22 Meg Ohm Resistance Range
-
Tight Tolerance and Low TCR Available
-
Excellent Solderability
-
Nickel Barrier for Leaching Control
-
Paper and Plastic Tape Packaging
0502
1005
1608
2012
3216
3225
5025
6332
0.004
0.002
0.008
0.008
0.008
0.008
0.008
[1] Solder Plate, 90% Sn, 10% Pb
[2] Barrier, NI
[3] Electrode
[4] Protective Layer
[5] Resistive Element
*NOTE: Dimensions are reference only.
CONSTRUCTION & MECHANICAL DIMENSIONS
L
W
H
P
Termination (Outer) [1] 120
µin/3.0µm min.
Termination (Barrier) [2] 120
µin/3.0µm min.
Termination (Inner) [3] 20
µin/0.5µm min.
[4] Protective Coating, 585
µin/15µm
[5] Resistive Element, 400
µin/10µm
Alumina Substrate
SIZE
DIMENSIONS in/mm
EIA
CODE
SIZE
(inches)
L
W
H
P TOP
P BOTTOM
REFERENCE
1H
0.024 + 0.002
0.012 + 0.002
0.010 + 0.002
0.004 + 0.002
0.005 + 0.002
(0201)
0.6 + 0.03
0.3 + 0.03
0.25 + 0.03
0.1 + 0.05
0.15 + 0.05
1E
0.04
± 0.002
0.02
± 0.002
0.014
± 0.002
0.008
± 0.004
0.010
± 0.004
(0402)
1.0 + 0.1/-0.05
0.5
± 0.05
0.35
± 0.05
0.2
± 0.1
0.25
± 0.05/-0.1
1J
0.063
± 0.008
0.031
± 0.004
0.020
± 0.004
0.012
± 0.004
0.012
± 0.004
(0603)
1.6
± 0.2
0.8
± 0.1
0.5
± 0.1
0.3
± 0.1
0.3
± 0.1
2A
0.079
± 0.008
0.049
± 0.004
0.020
± 0.004
0.016
± 0.008
0.012
± 0.004
(0805)
2.0
± 0.2
1.25
± 0.1
0.5
± 0.1
0.4
± 0.2
0.3 + 0.2/-0.1
2B
0.126
± 0.008
0.063
± 0.008
0.024
± 0.004
0.020
± 0.012
0.016
± 0.004
(1206)
3.2
± 0.2
1.6
± 0.2
0.6
± 0.1
0.5
± 0.3
0.4 + 0.2/-0.1
2E
0.126
± 0.008
0.102
± 0.008
0.024
± 0.004
0.020
± 0.012
0.016
± 0.004
(1210)
3.2
± 0.2
2.6
± 0.2
0.6
± 0.1
0.5
± 0.3
0.4 + 0.2/-0.1
2H
0.197
± 0.008
0.098
± 0.008
0.024
± 0.004
0.020
± 0.012
0.016
± 0.004
(2010)
5.0
± 0.2
2.5
± 0.2
0.6
± 0.1
0.5
± 0.3
0.4 + 0.2/-0.1
3A
0.248
± 0.008
0.122
± 0.008
0.024
± 0.004
0.020
± 0.012
0.016
± 0.004
(2512)
6.3
± 0.2
3.1
± 0.2
0.6
± 0.1
0.5
± 0.3
0.4 + 0.2/-0.1


Similar Part No. - RK73H1ETDD1003D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1ETBK1002D KOA-RK73H1ETBK1002D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1ETTA1001D KOA-RK73H1ETTA1001D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1ETTA1001F KOA-RK73H1ETTA1001F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1ETTA1002D KOA-RK73H1ETTA1002D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1ETTA1002D KOA-RK73H1ETTA1002D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
More results

Similar Description - RK73H1ETDD1003D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H KOA-RK73H Datasheet
385Kb / 2P
   precision 0.5%, 1% tolerance
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com