Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1701570 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1701570
Description  Printed-circuit board connector - PTSM 0,5/10-HH-2,5-SMD R44
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1701570 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1701570 Datasheet HTML 1Page - PHOENIX CONTACT 1701570 Datasheet HTML 2Page - PHOENIX CONTACT 1701570 Datasheet HTML 3Page - PHOENIX CONTACT 1701570 Datasheet HTML 4Page - PHOENIX CONTACT 1701570 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1701570
03/17/2014   Page 3 / 5
Printed-circuit board connector - PTSM 0,5/10-HH-2,5-SMD R44 - 1701570
Approvals
Approvals
Approvals
GOST / GOST / UL Recognized / UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
GOST 
GOST 
UL Recognized 
 
B
Nominal current IN
6 A
Nominal voltage UN
150 V
UL Recognized 
 
B
Nominal current IN
5 A
Nominal voltage UN
150 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn