Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7615 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M7615
Description  High noise immunity, Drive either Relay, Adjustable play on duration and latch duration, On-chip voltage regulator, 20 second warm-up., CDS input cond
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M7615 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M7615 Datasheet HTML 1Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 2Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 3Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 4Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 5Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 6Page - List of Unclassifed Manufacturers M7615 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
2005-08-01
DC PIR CONTROLLER
PIR CONTROLLER
M7615
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VDD
Operation voltage:5V,Stand by current:80~90uA
1
TE
I
TE = 1MΩ
4
VSS
System ground.
5
CDS
I
Connect to a CDS for inhibit , when Vinhi = 0 disable ,Vinhi = 1 enable trigger
6
RTX
I
Delay timer oscillator input
The delay time of receiving PIR signal to trigger Encoder or a high signal to trigger relay.
The range for:RTX=2 KΩ ~ 5 MΩ
CTX=100P~0.01UF
FOR 100P or 0.01uf delay time=45000 R*C
FOR 1000P delay time=35000 R*C
Delay Time:20 ms ~ 2250s
Ex:CTX=100p,RTX=680KΩ,Delay Time=3.1s
CTX=1000p,RTX=100KΩ,Delay Time=3.5s
CTX=0.01uf,RTX=10KΩ,Delay Time=4.5s
7
RTI
I
Latch timer oscillator input
The latch time of the range for:RTI=100 KΩ ~ 1 MΩ
CTI=0.1UF(fix)
Contain Time=35 R*C
Contain time:> 0.5s ~
Ex:CTI=0.1uf,RTI=1MΩ,Contain Time=3.5s
8
UOU2
O
2
nd stage OP amp output.
9
II2
I
2
nd stage OP amp negative input.
10
NII1
I
1
st stage OP amp positive input.
11
II1
I
1
st stage OP amp negative input.
12
RELAY
O
To drive relay,active high.
13
UOU1
I
1
st stage OP amp output.
14
Delay timing and Latch timing oscillator input pin, connect to external RC to obtain desired delay duration.
Variable delay(latch) duration can be obtained by selecting various values of RC or using a variable resistor.


Similar Part No. - M7615

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
M7610A ETC1-M7610A Datasheet
191Kb / 10P
   CMOS LSI designed for automatic PIR lamp control.
logo
Unisonic Technologies
M7612 UTC-M7612 Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
logo
List of Unclassifed Man...
M7612 ETC2-M7612 Datasheet
140Kb / 9P
   PIR CONTROLLER
logo
Unisonic Technologies
M7612-G08-T UTC-M7612-G08-T Datasheet
118Kb / 5P
   VIDEO SIGNAL SWITCHER
More results

Similar Description - M7615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN444 STMICROELECTRONICS-AN444 Datasheet
50Kb / 5P
   DISSIPATION POWER AND SURGE CURRENT DURATION
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD2532 WINBOND-ISD2532 Datasheet
1Mb / 42P
   SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
   IMPROVED LATCH-UP IMMUNITY
February 2003
logo
Zarlink Semiconductor I...
SP8793 ZARLINK-SP8793 Datasheet
269Kb / 6P
   WITH ON-CHIP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com