Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC2X105 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VCC2X105
Description  Thyristor Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VCC2X105 Datasheet(HTML) 2 Page - IXYS Corporation

  VCC2X105 Datasheet HTML 1Page - IXYS Corporation VCC2X105 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2001 IXYS All rights reserved
2 - 2
VCC 2x105
Dimensions in mm (1 mm = 0.0394")
Component
Symbol
Conditions
Characteristic Values
min.
typ.
max.
I
D, IR
T
VJ = 125°C; VR = VRRM; VD = VDRM
5mA
V
T
I
T = 300 A; TVJ = 25°C
1.5
V
V
TO
For power-loss calculations only
0.8
V
r
T
2.4 m
V
GT
V
D = 6 V;
T
VJ =
25°C
1.5
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = 125°C;
V
D =
2/
3VDRM
0.2
V
I
GD
T
VJ = 125°C;
V
D =
2/
3VDRM
10
mA
I
L
T
VJ = 25°C; tP = 10 ms
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
200
mA
t
gd
T
VJ = 25°C; VD = ½ VDRM
2
µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
R
thJC
per Thyristor; DC
0.26 K/W
per module
0.13 K/W
R
thCH
per Thyristor; DC
0,2
K/W
per module
0,1
K/W
d
S
Creeping distance on surface
11.2 mm
d
A
Creeping distance in air
5.0 mm
a
Max. allowable acceleration
50 m/s2


Similar Part No. - VCC2X105

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VCC FUJITSU-VCC Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
Visual Communications C...
VCC-CNX-480 VCC-VCC-CNX-480 Datasheet
610Kb / 2P
   Ruggedized LED Panel Mount Indicator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1 VECTRON-VCC1 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
More results

Similar Description - VCC2X105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com