Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC75172B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC75172B
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172B Datasheet(HTML) 5 Page - ON Semiconductor

  MC75172B Datasheet HTML 1Page - ON Semiconductor MC75172B Datasheet HTML 2Page - ON Semiconductor MC75172B Datasheet HTML 3Page - ON Semiconductor MC75172B Datasheet HTML 4Page - ON Semiconductor MC75172B Datasheet HTML 5Page - ON Semiconductor MC75172B Datasheet HTML 6Page - ON Semiconductor MC75172B Datasheet HTML 7Page - ON Semiconductor MC75172B Datasheet HTML 8Page - ON Semiconductor MC75172B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC75172B MC75174B
5
MOTOROLA ANALOG IC DEVICE DATA
tPZL(E)
1.5 V
Vout
2.3 V
1.5 V
VOL
0.5 V
tPLZ(E)
0 V
3.0 V
VCC
Vout
Vin
50 pF
110
Vout
S.G.
Vin
Vout
110
50 pF
VCC
VCC
0.5 V
VOH
0 V
tPHZ(E)
1.5 V
3.0 V
Vin
1.5 V
Vin
S.G.
2.3 V
0 or 3.0 V
3.0 V
3.0 V
0 or 3.0 V
tPZH(E)
tPDZ(E)
1.5 V
0
0 V
3.0 V
1.5 V
Active
tPZD(E)
S.G.
1.5 V
VOD
Disabled
VCC
Vin
0 or 3.0 V
3.0 V
VOD
50 pF
54
1.5 V
0
Vin
Disabled
NOTES: 1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tf, tf, p 5.0 ns.
2. Vin is inverted for Enable measurements.
Figure 5. Enable Timing, Single–Ended Outputs
Figure 6. Enable Timing, Differential Outputs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn