Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC75172B Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC75172B
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172B Datasheet(HTML) 2 Page - ON Semiconductor

  MC75172B Datasheet HTML 1Page - ON Semiconductor MC75172B Datasheet HTML 2Page - ON Semiconductor MC75172B Datasheet HTML 3Page - ON Semiconductor MC75172B Datasheet HTML 4Page - ON Semiconductor MC75172B Datasheet HTML 5Page - ON Semiconductor MC75172B Datasheet HTML 6Page - ON Semiconductor MC75172B Datasheet HTML 7Page - ON Semiconductor MC75172B Datasheet HTML 8Page - ON Semiconductor MC75172B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC75172B MC75174B
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
–0.5, +7.0
Vdc
Input Voltage (Data, Enable)
Vin
+7.0
Vdc
Input Current (Data, Enable)
Iin
–24
mA
Applied Output Voltage, when in 3–State Condition
(VCC = 5.0 V)
Vza
–10, +14
Vdc
Applied Output Voltage, when VCC = 0 V
Vzb
±14
Output Current
IO
Self–Limiting
Storage Temperature
Tstg
–65, +150
°C
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides
for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
+4.75
+5.0
+5.25
Vdc
Input Voltage (All Inputs)
Vin
0
VCC
Vdc
Output Voltage in 3–State Condition, or when VCC = 0 V
Vcm
–7.0
+12
Vdc
Output Current (Normal data transmission)
IO
–65
+65
mA
Operating Ambient Temperature (see text)
EIA–485
EIA–422
TA
–40
0
+85
+85
°C
All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (–40
°C p TA p 85°C, 4.75 V p VCC p 5.25 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Single–Ended Voltage
IO = 0
High @ IO = –33 mA
Low @ IO = +33 mA
Differential Voltage
Open Circuit (IO = 0)
RL = 54 Ω (Figure 1)
VO
VOH
VOL
VOD1
VOD2
0
1.5
1.5
4.0
1.6
3.4
2.3
6.0
6.0
5.0
Vdc
Change in Differential*, RL = 54 Ω (Figure 1)
Differential Voltage, RL = 100 Ω (Figure 1)
Change in Differential*, RL = 100 Ω (Figure 1)
Differential Voltage, –7.0 V
p Vcm p 12 V (Figure 2)
Change in Differential*, –7.0 V
p Vcm p 12 V (Figure 2)
Offset Voltage, RL = 54 Ω (Figure 1)
Change in Offset*, RL = 54 Ω (Figure 1)
∆VOD2
VOD2A
∆VOD2A
VOD3
∆VOD3
VOS
∆VOS
1.5
5.0
2.2
5.0
5.0
2.9
5.0
200
200
5.0
200
200
mVdc
Vdc
mVdc
Vdc
mVdc
Vdc
mVdc
Output Current (Each Output)
Power Off Leakage, VCC = 0, –7.0 V p VO p 12 V
Leakage in 3–State Mode, –7.0 V
p VO p 12 V
IO(off)
IOZ
–50
–50
0
0
+50
+50
µA
Short Circuit Current to Ground
Short Circuit Current, –7.0 V
p VO p 12 V
IOSR
IOS
–150
–250
+150
+250
mA
*Vin switched from 0.8 to 2.0 V.
Typical values determined at 25
°C ambient and 5.0 V supply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn