Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC75172B Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC75172B
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC75172B Datasheet HTML 2Page - ON Semiconductor MC75172B Datasheet HTML 3Page - ON Semiconductor MC75172B Datasheet HTML 4Page - ON Semiconductor MC75172B Datasheet HTML 5Page - ON Semiconductor MC75172B Datasheet HTML 6Page - ON Semiconductor MC75172B Datasheet HTML 7Page - ON Semiconductor MC75172B Datasheet HTML 8Page - ON Semiconductor MC75172B Datasheet HTML 9Page - ON Semiconductor MC75172B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC75172B MC75174B
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Single–Ended Output Voltage
versus Output Sink Current
Figure 8. Single–Ended Output Voltage
versus Temperature
Figure 9. Single–Ended Output Voltage
versus Output Source Current
Figure 10. Single–Ended Output
Voltage versus Temperature
Figure 11. Output Differential Voltage
versus Load Current
Figure 12. Output Differential Voltage
versus Temperature
IO, OUTPUT CURRENT (mA)
IO
VCC = 4.75 V
VOD
VCC = 5.0 V
VCC = 5.25 V
IO
VOD
0.8 or
2.0 V
–40
1.0
VCC = 5.00 V
VCC = 5.25 V
IO = 20.0 mA
2.0
85
0
VCC = 4.75 V
3.0
TA, AMBIENT TEMPERATURE (°C)
1.0
4.0
20
40
60
–20
VCC = 4.75 V
TA = 25°C
4.0
IOH, OUTPUT CURRENT (mA)
1.0
70
5.0
2.0
–10
0– 30
–20
– 40
–50
60
–60
3.0
TA, AMBIENT TEMPERATURE (°C)
–70
IOH = –27.8 mA
VCC = 4.75 V
3.25
85
4.0
–40
0
–20
60
40
0.5
IOL, OUTPUT CURRENT (mA)
1.5
1.0
0
020
10
30
40
50
60
70
2.0
4.75 V
p VCCp5.25 V
TA = 25°C
1.25
1.5
1.75
1.0
–40
0
–20
2.0
0
85
60
40
20
4.75 V
p VCC p 5.25 V
IOL = 27.8 mA
IOL = 20.0 mA
50
30
40
020
3.0
10
4.0
20
3.75
TA, AMBIENT TEMPERATURE (°C)
3.5
2.0
0
IO = 27.8 mA
IOH = –20.0 mA
0.8 or
2.0 V
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn