Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT74ADT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT74ADT
Description  Dual D-Type Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT74ADT Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT74ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT74A
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
CP to Q or Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.8
6.3
7.8
8.8
1.0
1.0
9.0
10.0
ns
tPLH,
tPHL
Maximum Propagation Delay,
SD or RD to Q or Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
7.6
8.1
10.4
11.4
1.0
1.0
12.0
13.0
ns
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
100
80
160
140
80
65
MHz
Cin
Maximum Input Capacitance
4
10
10
pF
C
P
Di
i
i
C
i
(N
NO TAG)
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note NO TAG)
24
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 2 (per flip–flop). CPD is used to determine the
no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Sb l
P
V
Guaranteed Limit
Ui
Symbol
Parameter
VCC
V
TA = 25_C
TA = – 40 to
85
_C
Unit
tw
Minimum Pulse Width, CP
5.0
± 0.5
5.0
5.0
ns
tw
Minimum Pulse Width, RD or SD
5.0
± 0.5
5.0
5.0
ns
tsu
Minimum Setup Time, D to CP
5.0
± 0.5
5.0
5.0
ns
th
Minimum Hold Time, D to CP
5.0
± 0.5
0.0
0.0
ns
trec
Minimum Recovery Time, SD or RD to CP
5.0
± 0.5
3.5
3.5
ns


Similar Part No. - MC74VHCT74ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT74ADT ONSEMI-MC74VHCT74ADT Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADT ONSEMI-MC74VHCT74ADT Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
MC74VHCT74ADTR2 ONSEMI-MC74VHCT74ADTR2 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADTR2 ONSEMI-MC74VHCT74ADTR2 Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
MC74VHCT74ADTR2G ONSEMI-MC74VHCT74ADTR2G Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
More results

Similar Description - MC74VHCT74ADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC74 MOTOROLA-MC74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A_09 Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
   Dual D-type flip-flop with set and reset
1996 Jul 01
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com