Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT573ADW Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT573ADW
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT573ADW Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT573ADW Datasheet HTML 1Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 2Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 3Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 4Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 5Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 6Page - ON Semiconductor MC74VHCT573ADW Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHCT573A
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = – 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
ICCT
Quiescent Supply
Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage
Current
VOUT = 5.5V
0
0.5
5.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
LE to Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
7.7
8.5
12.3
13.3
1.0
1.0
13.5
14.5
ns
tPLH,
tPHL
Maximum Propagation Delay,
D to Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.1
5.9
8.5
9.5
1.0
1.0
9.5
10.5
ns
tPZL,
tPZH
Output Enable Time,
OE to Q
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
6.3
7.1
10.9
11.9
1.0
1.0
12.5
13.5
ns
tPLZ,
tPHZ
Output Disable Time,
OE to Q
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
8.8
11.2
1.0
12.0
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.5 ± 0.5V
CL = 50pF
(Note 1.)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three–State Output
Capacitance (Output in
High–Impedance State)
6
pF
C
PDi
i
i
C
i
(N
2 )
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note 2.)
25
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Averageoperating current can be obtained by the equation: ICC(OPR)=CPDVCCfin+ICC / 8(perlatch).CPDisusedtodeterminetheno–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50 pF, VCC = 5.0V)
Sb l
P
TA = 25°C
Ui
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
1.2
1.6
V
VOLV
Quiet Output Minimum Dynamic VOL
–1.2
–1.6
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40
to 85
°C
Ui
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw(h)
Minimum Pulse Width, LE
VCC = 5.0 ±0.5V
6.5
8.5
ns
tsu
Minimum Setup Time, D to LE
VCC = 5.0 ± 0.5V
1.5
1.5
ns
th
Minimum Hold Time, D to LE
VCC = 5.0 ± 0.5V
3.5
3.5
ns


Similar Part No. - MC74VHCT573ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT573ADW ONSEMI-MC74VHCT573ADW Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADWG ONSEMI-MC74VHCT573ADWG Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADWG ONSEMI-MC74VHCT573ADWG Datasheet
136Kb / 7P
   Octal D-Type Latch with 3-State Output
June, 2011 ??Rev. 5
MC74VHCT573ADWR2 ONSEMI-MC74VHCT573ADWR2 Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADWRG ONSEMI-MC74VHCT573ADWRG Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT573ADW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com