Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT540ADW Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT540ADW
Description  Octal Bus Buffer Inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT540ADW Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT540ADW Datasheet HTML 1Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 2Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 3Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 4Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 5Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 6Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 7Page - ON Semiconductor MC74VHCT540ADW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHCT540A
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to
85
°C
TA ≤ 125°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, A to Y
(Figures 1 and 3)
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
4.8
7.3
7.0
10.5
1.0
1.0
8.5
12.0
10.5
14.0
ns
(Figures 1 and 3)
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
3.7
5.2
5.0
7.0
1.0
1.0
6.0
8.0
8.0
10.0
tPZL,
tPZH
Output Enable TIme,
OEn to Y
(Figures 2 and 4)
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kΩ
CL = 50pF
6.8
9.3
10.5
14.0
1.0
1.0
12.5
16.0
15.0
19.0
ns
(Figures 2 and 4)
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
4.7
6.2
7.2
9.2
1.0
1.0
8.5
10.5
10.5
13.0
tPLZ,
tPHZ
Output Disable Time,
OEn to Y
(Figures 2 and 4)
VCC = 3.3 ± 0.3V
CL = 50pF
RL = 1kΩ
11.2
15.4
1.0
17.5
20.0
ns
(Figures 2 and 4)
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
6.0
8.8
1.0
10.0
11.5
tOSLH,
tOSHL
Output to Output Skew
VCC = 3.3 ± 0.3V
CL = 50pF
(Note 1.)
1.5
1.5
2.0
ns
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1.)
1.0
1.0
1.5
ns
Cin
Maximum Input
Capacitance
4
10
10
10
pF
Cout
Maximum Three–State
Output Capacitance (Output
in High Impedance State)
6
pF
C
PDi
i
i
C
i
(N
2 )
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note 2.)
17
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per bit). CPD is used to determine the no–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Sb l
P
TA = 25°C
Ui
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.9
1.2
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.9
– 1.2
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Similar Part No. - MC74VHCT540ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT540ADW ONSEMI-MC74VHCT540ADW Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT540ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
   Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com