Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RK73H1J
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73H1J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RK73H1J Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73H1J Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73H1J Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73H1J Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73H1J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE: 814-362-5536
FAX: 814-362-8883
9
FLAT CHIP RESISTORS
RK73
PRECISION 1% & 0.5% TOLERANCE
AMBIENT TEMPERATURE
(
°C)
ENVIRONMENTAL APPLICATIONS
100
80
60
40
20
20
40
60
80
100
120
140
160
180
70
125
150
175
DERATING
1E
1J, 2H, 3A 2A, 2B, 2E
PARAMETER
MAXIMUM
∆ R
TEST METHOD
Thermal Shock
±0.2%
MIL-STD-202, Method 107
-55
°C ~ +125°C, 5 cycles
Low Temperature
±0.2%
MIL - R - 55342
π 4.7.4 1 Hour @ -55°C
Operation
followed by 45 minutes of RCWV**
High Temperature
±0.5%
MIL - R - 55342
π 4.7.6
Exposure
100 Hours @ 125
°C
Short Time Overload
±2.0%
MIL - R - 55342
π 4.7.5
2.5 X RCWV for 5 seconds
Resistance to
±0.2%
MIL - R - 55342
π 4.7.7
Solder Heat
260
°C for 10 seconds
Terminal Strength-Push
±0.75%
1.2 Kg for 1 minute
Terminal Strength-Bend
±0.5%
5mm Deflection in Either
Direction for 10 Seconds
Moisture Resistance
±0.5%
MIL - STD - 202, Method 103
40oC, 90 - 95%RH, 1000 Hours
Life
±0.75%
MIL - STD - 202, Method 108 70
°C, 1000
Hours @ RCWV, 1 1/2 Hr ON, 1/2 Hr OFF
Pulse
±1.5%
2.5 X RCWV**, Not Exceeding Maximum
Overload Voltage 1 Second ON, 25 Seconds
OFF 10,000 Cycles
Temperature Cycling
±0.75%
30 Minutes at -55
°C; 15 Minutes at +25°C,
30 Minutes at + 125
°C, 15 Minutes at +25°C, 5 Cycles
MINIMUM
Terminal Adhesion
15 Grams
Axial Pull, One Terminal at a Time
Dielectric Withstanding
Voltage
1E
100V
1J
100V
2A
400V
2B
400V
MIL - STD - 202, Method 301
2E
400V
2H
400V
3A
400V
Insulation Resistance
10,000 Meg Ohm
**RCWV = Rated Continuous Working Voltage
125
100
75
50
25
25
50
75
100
% RATED POWER
3A
2A
1J
1E
2H
2E
2B
Pulse Limitation Curves Are Available at
www.koaspeer.com


Similar Part No. - RK73H1J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1J KOA-RK73H1J Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H1J KOA-RK73H1J Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73H1J0603 KOA-RK73H1J0603 Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1J0603 KOA-RK73H1J0603 Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1J0603 KOA-RK73H1J0603 Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results

Similar Description - RK73H1J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H KOA-RK73H Datasheet
385Kb / 2P
   precision 0.5%, 1% tolerance
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com