Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS1T24R2KGN1AF3Y Datasheet(PDF) 1 Page - Littelfuse

Part # LPS1T24R2KGN1AF3Y
Description  LPS Series POWR-SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPS1T24R2KGN1AF3Y Datasheet(HTML) 1 Page - Littelfuse

  LPS1T24R2KGN1AF3Y Datasheet HTML 1Page - Littelfuse LPS1T24R2KGN1AF3Y Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
148
LPS Series POWR-SWITCH
STANDARD FEATURES
I
600V 3-pole fuse power switch
I
200,000 RMS interrupting rating
I
Shunt trip 120V
I
Control power terminal block
I
Ground lug per NEC
I
Class J fuse block
I
NEMA 1 enclosures
OPTIONAL FEATURES
I
Control power transformer with fuses and blocks
I
Fire safety interface relay
I
Key to test switch
I
Pilot light ”On”
I
Isolated neutral lug
I
Mechanical interlock auxilliary contact for hydraulic eleva-
tors with automatic recall (5 amp 120 VAC rated)
I
Fire alarm voltage monitoring relay
I
NEMA 3R, 4, and 12 enclosures
BENEFITS
I
Optional features offer flexibility for a variety of applica-
tions
I
UL Listed package
I
Lower installation costs than systems with many separate
components
I
Pre-wired control circuits lower installation time
I
Lockable Operating handle meets all code and safety
requirements
I
No confusion over which building trade is supplying the
components
I
POWR-Switch is a single unit...which makes procurement
easier than systems with multiple components
The Littelfuse POWR-Switch provides a simple and econom-
ical solution for applications that require selective coordina-
tion and shunt trip capabilities. Common applications include
elevator circuits, data processing rooms, and building emer-
gency systems.
By utilizing Class J time delay fuses, the POWR-Switch is
easily coordinated with other system overcurrent devices.
The shunt trip capability allows the POWR-Switch to meet
the ANSI/ASME standard that requires power to be automat-
ically disconnected before water is turned on by the fire safe-
ty system. The POWR-Switch also features pre-wired control
circuits that can help reduce installation costs.
NEW


Similar Part No. - LPS1T24R2KGN1AF3Y

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS100 ASTRODYNE-LPS100 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-12 ASTRODYNE-LPS100-12 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-13.5 ASTRODYNE-LPS100-13.5 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-15 ASTRODYNE-LPS100-15 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-24 ASTRODYNE-LPS100-24 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
More results

Similar Description - LPS1T24R2KGN1AF3Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03540501Z LITTELFUSE-03540501Z_V01 Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
   CCMR Series POWR-PRO CC Fuses
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
JTD LITTELFUSE-JTD_V01 Datasheet
441Kb / 3P
   JTD SERIES INDICATOR짰 POWR-PRO짰 FUSES
Rev: 1-B-112320
logo
Toshiba Semiconductor
TIM5964-45SL TOSHIBA-TIM5964-45SL Datasheet
165Kb / 5P
   MICROWAVE POWR GaAs FET
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
90Kb / 3P
   KLPC Series POWR-PRO Class L Fuses
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com