Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHCT374A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74VHCT374A
Description  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT374A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT374A Datasheet HTML 1Page - ON Semiconductor MC74VHCT374A Datasheet HTML 2Page - ON Semiconductor MC74VHCT374A Datasheet HTML 3Page - ON Semiconductor MC74VHCT374A Datasheet HTML 4Page - ON Semiconductor MC74VHCT374A Datasheet HTML 5Page - ON Semiconductor MC74VHCT374A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT374A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
Figure 1.
3V
1.5V
1.5V
CP
tPLH
tPHL
Q
tW
1/fmax
1.5V
1.5V
1.5V
OE
Q
tPZL
tPLZ
tPZH tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH –0.3V
HIGH
IMPEDANCE
1.5V
D
CP
3V
GND
GND
VALID
th
tsu
1.5V
Q
Figure 2.
Figure 3.
SWITCHING WAVEFORMS
Figure 4.
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Figure 5.
TEST CIRCUITS
EXPANDED LOGIC DIAGRAM
D0
3
DQ
C
Q0
2
D1
4
DQ
C
Q1
5
D2
7
DQ
C
Q2
6
D3
8
DQ
C
Q3
9
D4
13
DQ
C
Q4
12
D5
14
DQ
C
Q5
15
D6
17
DQ
C
Q6
16
D7
18
DQ
C
Q7
19
CP
OE
11
1
GND
VOH
VOL
GND
3V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC74VHC374 Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More Motorola, Inc
TC74VHC374F OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
MC74VHC574 Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More Motorola, Inc
TC74VHC574F OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74HCT374AP OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
MC74VHCT574A Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More ON Semiconductor
TC74HCT574AP OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74VHCT374AF OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74VHCT574AF OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC7MET374AFK OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn