Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHCT374A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74VHCT374A
Description  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT374A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT374A Datasheet HTML 1Page - ON Semiconductor MC74VHCT374A Datasheet HTML 2Page - ON Semiconductor MC74VHCT374A Datasheet HTML 3Page - ON Semiconductor MC74VHCT374A Datasheet HTML 4Page - ON Semiconductor MC74VHCT374A Datasheet HTML 5Page - ON Semiconductor MC74VHCT374A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT374A
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = – 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
ICCT
Quiescent Supply
Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage
Current
VOUT = 5.5V
0
0.5
5.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
90
85
140
130
80
95
MHz
tPLH,
tPHL
Maximum Propagation Delay,
CP to Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
4.1
5.6
9.4
10.4
1.0
1.0
10.5
11.5
ns
tPZL,
tPZH
Output Enable Time,
OE to Q
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
6.5
7.3
10.2
11.2
1.0
1.0
11.5
12.5
ns
tPLZ,
tPHZ
Output Disable Time
OE to Q
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
7.0
11.2
1.0
12.0
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.0 ± 0.5V
CL = 50pF
(Note NO TAG)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three–State Output
Capacitance (Output in
High–Impedance State)
9
pF
C
P
Di
i
i
C
i
(N
NO TAG)
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note NO TAG)
25
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per flip–flop). CPD is used to determine the
no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Sb l
P
TA = 25°C
Ui
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
1.2
1.6
V
VOLV
Quiet Output Minimum Dynamic VOL
–1.2
–1.6
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40
to 85
°C
Ui
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw
Minimum Pulse Width, CP
VCC = 5.0 ± 0.5 V
6.5
8.5
ns
tsu
Minimum Setup Time, D to CP
VCC = 5.0 ± 0.5 V
2.5
2.5
ns
th
Minimum Hold Time, D to CP
VCC = 5.0 ± 0.5 V
2.5
2.5
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC74VHC374 Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More Motorola, Inc
TC74VHC374F OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
MC74VHC574 Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More Motorola, Inc
TC74VHC574F OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74HCT374AP OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
MC74VHCT574A Octal D-Type Flip-Flop with 3-State Output 1  2  3  4  5  More ON Semiconductor
TC74HCT574AP OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74VHCT374AF OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC74VHCT574AF OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  More Toshiba Semiconductor
TC7MET374AFK OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT 1  2  3  4  5  Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn