Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59628957701QZXC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 59628957701QZXC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

59628957701QZXC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  59628957701QZXC Datasheet HTML 1Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 2Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 3Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 4Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 59628957701QZXC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
BCRTM-3
1.0 INTRODUCTION
The monolithic CMOS UT1553 BCRTM provides the
system designer with an intelligent solution to
MIL-STD-1553B multiplexed serial data bus design
problems. The UT1553B BCRTM is a single-chip device
that implements all three of defined MIL-STD-1553B
functions - Bus Controller, Remote Terminal, and Monitor.
Designed to reduce host CPU overhead, the BCRTM’s
powerful state machines automatically execute message
transfers, provide interrupts, and generate status
information. Multiple registers offer many programmable
functions as well as extensive information for host use. In
the BC mode, the BCRTM uses a linked-list message
scheme to provide the host with message chaining
capability. The BCRTM enhances memory use by
supporting variable-size, relocatable data blocks. In the RT
mode, the BCRTM implements time-tagging and message
history functions. It also supports multiple (up to 128)
message buffering and variable length messages to any
subaddress.In the Monitor (M) mode, the BCRTM’s
powerful linked list command block structure allows it to
process a series of monitored 1553 messages without the
intervention of the host. The BCRTM can store as much bus
traffic as can be contained in its 64K memory space. In
addition, the host has the capability of instructing the
BCRTM to monitor and store data for only selected remote
terminals.
The UT1553 BCRTM is an intelligent, versatile, and easy
to implement device -- a powerful asset to system designers.
1.1 Features - Remote Terminal (RT) Mode
Indexing
The BCRTM is programmable to index or buffer messages
on a subaddress-by-subaddress basis. The BCRTM, which
can index as many as 128 messages, can also assert an
interrupt when either the selected number of messages is
reached or every time a specified subaddress is accessed.
Variable Space Allocation
The BCRTM can use as little or as much memory (up to
64K) as needed.
Selectable Data Storage
Address programmability within the BCRTM provides
flexible data placement and convenient access.
Sequential Data Storage
The BCRTM stores/retrieves, by subaddress, all messages
in the order in which they are transacted.
Sequential Message Status Information
The BCRTM provides message validity, time-tag, and
word-count information, and stores it sequentially in a
separate, cross-referenced list.
Illegalizing Mode Codes and Subaddresses
The host can declare mode codes and subaddresses illegal
by setting the appropriate bit(s) in memory.
Programmable Interrupt Selection
The host CPU can select various events to cause an interrupt
with provision for high and standard priority interrupts.
Interrupt History List
The BCRTM provides an Interrupt History List that records,
in the order of occurrence, the events that caused the
interrupts. The list length is programmable.
1.2 Features - Bus Controller (BC) Mode
Multiple Message Processing
The BCRTM autonomously processes any number of
messages or lists of messages that may be stored in a 64K
memory space.
Automatic Intermessage Delay
When programmed by the host, the BCRTM can delay a
host-specified time before executing the next message in
sequence.
Automatic Polling
When polling, the BCRTM interrogates the remote
terminals and then compares their status word responses to
the contents of the Polling Compare Register. The BCRTM
can interrupt the host CPU if an erroneous remote terminal
status word response occurs.
Automatic Retry
The BCRTM can automatically retry a message on busy,
message error, and/or response time-out conditions. The
BCRTM can retry up to four times on the same or on the
alternate bus.
Programmable Interrupt Selection
The host CPU can select various events to cause an interrupt
with provision for high and standard priority interrupts.
Interrupt History List
The BCRTM provides an Interrupt History List that records,
in the order of occurrence, the events that caused the
interrupts. The list length is programmable.
Variable Space Allocation
The BCRTM uses as little or as much memory (up to 64K)
as needed.
Selectable Data Storage
Address programmability within the BCRTM provides
flexible data placement and convenient access.


Similar Part No. - 59628957701QZXC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565013A AD-596288565013A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565013A AD-596288565013A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com