Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS274160 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS274160
Description  TPS274160x 40-V, 160-m廓 Quad-Channel Industrial Smart High-Side Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274160 Datasheet(HTML) 4 Page - Texas Instruments

  TPS274160 Datasheet HTML 1Page - Texas Instruments TPS274160 Datasheet HTML 2Page - Texas Instruments TPS274160 Datasheet HTML 3Page - Texas Instruments TPS274160 Datasheet HTML 4Page - Texas Instruments TPS274160 Datasheet HTML 5Page - Texas Instruments TPS274160 Datasheet HTML 6Page - Texas Instruments TPS274160 Datasheet HTML 7Page - Texas Instruments TPS274160 Datasheet HTML 8Page - Texas Instruments TPS274160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
TPS274160
SLVSF05 – MAY 2020
www.ti.com
Product Folder Links: TPS274160
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
RLH Package
28-Pin WQFN With Exposed Thermal Pad
TPS274160A Top View
NC – No internal connection
RLH Package
28-Pin WQFN With Exposed Thermal Pad
TPS274160B Top View
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VERSION A
VERSION B
CL
7
7
O
Adjustable current limit. Connect to device GND if external current limit is not
used.
CS
6
O
Current-sense output
DIAG_EN
11
11
I
Enable-disable pin for diagnostics; internal pulldown
FAULT
5
O
Global fault report with open-drain structure, ORed logic for quad-channel fault
conditions
GND
9,26
9, 26
Ground pin
EN1
27
27
I
Input control for channel 1 activation; internal pulldown
EN2
28
28
I
Input control for channel 2 activation; internal pulldown
EN3
1
1
I
Input control for channel 3 activation; internal pulldown
EN4
2
2
I
Input control for channel 4 activation; internal pulldown
NC
8, 21, 16
8, 21, 16
No internal connection
ST1
3
O
Open-drain diagnostic status output for channel 1
ST2
4
O
Open-drain diagnostic status output for channel 2
ST3
5
O
Open-drain diagnostic status output for channel 3
ST4
6
O
Open-drain diagnostic status output for channel 4
SEH
3
I
CS channel-selection high bit; internal pulldown
SEL
4
I
CS channel-selection low bit; internal pulldown
THER
10
10
I
Thermal shutdown behavior control, latch off or auto-retry; internal pulldown
OUT1
24, 25
24, 25
O
Output of the channel 1 high side-switch, connected to the load
OUT2
22, 23
22, 23
O
Output of the channel 2 high side-switch, connected to the load
OUT3
14, 15
14, 15
O
Output of the channel 3 high side-switch, connected to the load


Similar Part No. - TPS274160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
[Old version datasheet]   TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 87P
[Old version datasheet]   TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
TPS274C65 TI1-TPS274C65 Datasheet
2Mb / 90P
[Old version datasheet]   TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
FEBRUARY 2024
TPS274C65AS TI-TPS274C65AS Datasheet
2Mb / 82P
[Old version datasheet]   TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65AS TI-TPS274C65AS Datasheet
2Mb / 87P
[Old version datasheet]   TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results

Similar Description - TPS274160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
[Old version datasheet]   40-V, 35-m廓 Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
[Old version datasheet]   40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1 Datasheet
527Kb / 38P
[Old version datasheet]   40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com