Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA1238NS Datasheet(PDF) 3 Page - Integral Corp.

Part # ILA1238NS
Description  AM/FM MONO RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA1238NS Datasheet(HTML) 3 Page - Integral Corp.

  ILA1238NS Datasheet HTML 1Page - Integral Corp. ILA1238NS Datasheet HTML 2Page - Integral Corp. ILA1238NS Datasheet HTML 3Page - Integral Corp. ILA1238NS Datasheet HTML 4Page - Integral Corp. ILA1238NS Datasheet HTML 5Page - Integral Corp. ILA1238NS Datasheet HTML 6Page - Integral Corp. ILA1238NS Datasheet HTML 7Page - Integral Corp. ILA1238NS Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ILA1238NS
3
PINS DESCRIPTION (CONTINUED)
Voltage, V
Equivalent circuit
Description
Symbol
Ucc=3V
Ucc=6V
FM
АМ
FM
АМ
5
6
Rch OUT
Lch OUT
1.25
1.25
1.45
1.45
1.35
1.35
2.0
2.0
5
6
Right channel pin
Left channel pin
7
Ucc
3.0
3.0
6.0
6.0
Supply
8
Ripple
FILTER
2.5
2.5
4.0
4.0
33K
130K
17K
17K
8
Internal voltage
source filter
9
10
AGC/AFC1
AGC/AFC2
1.47
1.15
1.15
1.47
1.47
1.15
1.15
1.47
5.3K
25K
22K
50K
50K
10
9
Pins of
heterodyne AFC
filter for FM path
and AGC for AM
path
11
25
GND
MUTE
0
0.05
0
0.1
0
0.05
0
0.1
25
11
Common output
of paths IF FM,
IF AM and
detectors
Connection pin of
muting time
constant
capacitance


Similar Part No. - ILA1238NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA1238NS ETC1-ILA1238NS Datasheet
41Kb / 2P
   FM/AM STEREO RADIORECEIVER
More results

Similar Description - ILA1238NS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
ATMEL Corporation
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
logo
National Semiconductor ...
LM1866 NSC-LM1866 Datasheet
257Kb / 7P
   LOW VOLTAGE AM/FM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com