Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962G8957701YXC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5962G8957701YXC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962G8957701YXC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5962G8957701YXC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962G8957701YXC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
BCRTM-6
A0
34
B11
TTB
Bit 0 (LSB) of the Address bus
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
35
36
37
38
39
40
41
44
45
46
47
C11
D10
D11
F11
E10
E11
E9
G11
G10
G9
H11
TTB
TTB
TTB
Bit 1 of the Address bus
Bit 2 of the Address bus
Bit 3 of the Address bus
Bit 4 of the Address bus
Bit 5 of the Address bus
Bit 6 of the Address bus
Bit 7 of the Address bus
Bit 8 of the Address bus
Bit 9 of the Address bus
Bit 10 of the Address bus
Bit 11 of the Address bus
48
H10
A13
A14
49
50
J11
K11
TTO
TTO
TTO
NAME
PIN NUMBER
LCC
PGA
TYPE
ACTIVE
DESCRIPTION
A15
51
J10
TTB
TTO
TTO
TTO
TTO
TTO
TTO
TTO
TTO
Bit 12 of the Address bus
Bit 13 of the Address bus
Bit 14 of the Address bus
Bit 15 (MSB) of the Address bus
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Legend for TYPE and ACTIVE fields:
TUI = TTL input (pull-up)
AL = Active low
AH = Active high
ZL = Active low - inactive state is high impedance
TI = TTL input
TO = TTL output
TTO = Three-state TTL output
TTB = Bidirectional
Notes:
1. Address and data buses are in the high-impedance state when idle.
2. Flatpack pin numbers are same as LCC.


Similar Part No. - 5962G8957701YXC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com