Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQ065T9BR51 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LQ065T9BR51
Description  COLOR TFT LCD MODULE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ065T9BR51 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LQ065T9BR51 Datasheet HTML 4Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 5Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 6Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 7Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 8Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 9Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 10Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 11Page - Sharp Corporation LQ065T9BR51 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LCY00131-6
Table 3
Display Method and Characteristics
MODS MODW MODN Display
mode
Characteristics
Source
example
H
H
H
Full
mode
The picture is displayed with uniform
enlargement in the horizontal direction, and
the horizontal retrace line of the input signal
cannot be seen.
If the video sampling
frequency of the image is fixed and a 4:3
video signal is displayed, the picture will be
prominently oblong.
4:3 signal,
Navigation
signal
Fig.3-1
H
H
L
Wide 1
mode
A 4:3 video signal is displayed with less
feeling of incongruity than that in the full
screen mode.
Since the video horizontal
sampling frequency is modulated in the
horizontal direction, the degree of perfect
roundness in the center of the screen is
improved over that of the full screen mode.
4:3 signal Fig.3-2
H
L
H
Normal
mode
When displaying a 4:3 video signal, the
displayed image is slightly less than
perfectly round and the horizontal retrace
line period is displayed at the two edges of
the screen.
With respect to the video
horizontal sampling frequency, the center
portion of the screen is slightly lower and the
two edges become slightly higher.
With
respect to the horizontal retrace line period,
a far better display is achieved than that of
masking of the video signal by the VCS
signal timing.
4:3 signal Fig.3-3
H
L
L
Cinema
mode
A letter-box type image (16:9 signal) is
displayed over the central width of the
screen.
In the horizontal direction, full
screen display is utilized.
Due to the
display being extended in the vertical
direction, a slightly less than perfectly round
image is displayed.
letter box
type wide
signal(16:
9signal)
Fig.3-4
L
H
H
Wide 2
mode
In the horizontal direction, the Wide 1
display mode is employed.
Due to the
display being extended in the vertical
direction, the portion of the picture in the
center of the screen is slightly less than
perfectly round. Also due to extending in the
vertical direction, the upper and lower
potions of the image are not displayed.
4:3 signal Fig.3-5
L
H
L
test
This mode is unusable as it is the test mode.
L
L
H
test
This mode is unusable as it is the test mode.
L
L
L
test
This mode is unusable as it is the test mode.


Similar Part No. - LQ065T9BR51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
LQ064V3DG01 SHARP-LQ064V3DG01 Datasheet
914Kb / 22P
   AVC Liquid Crystal Displays Group
More results

Similar Description - LQ065T9BR51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com