Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3306D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3306D
Description  Dual bus switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3306D Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3306D Datasheet HTML 1Page - NXP Semiconductors CBT3306D Datasheet HTML 2Page - NXP Semiconductors CBT3306D Datasheet HTML 3Page - NXP Semiconductors CBT3306D Datasheet HTML 4Page - NXP Semiconductors CBT3306D Datasheet HTML 5Page - NXP Semiconductors CBT3306D Datasheet HTML 6Page - NXP Semiconductors CBT3306D Datasheet HTML 7Page - NXP Semiconductors CBT3306D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
CBT3306
Dual bus switch
2
2001 Nov 08
853-2304 27313
FEATURES
5 Ω switch connection between two ports
TTL-compatible input levels
Package options include plastic small outline (SO) and
thin shrink small outline (TSSOP)
Latch-up protection exceeds 100 mA per JESD78
ESD protection exceeds 2000 V HBM per JESD22-A114 and
1000 V CDM per JESD22-C101
DESCRIPTION
The CBT3306 Dual FET Bus Switch features independent line
switches. Each switch is disabled with the associated Output Enable
(OE) input is high.
The CBT3306 is characterized for operation from –40 to +85
°C.
PIN CONFIGURATION
1
2
3
45
6
7
8
1OE
1A
1B
GND
VCC
2OE
2B
2A
SA00535
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 7
1OE, 2OE
Output enable
2, 5
1A, 2A
A port inputs
3, 6
1B, 2B
B port outputs
4
GND
Ground (0 V)
8
VCC
Positive supply voltage
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
A to B or B to A
CL = 50 pF; VCC = +5.0 V ±0.5 V
0.25 (MAX)
ns
CIO(OFF)
Pin capacitance (OFF state)
VO = 3 V or 0; OE = VCC
6.45
pF
ICC
Quiescent supply current
VCC = 5.5 V; IO = 0, VI = VCC or GND
3
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
8-pin plastic SO
–40 to 85
°C
CBT3306D
SOT96-1
8-pin plastic TSSOP
–40 to 85
°C
CBT3306PW
SOT530-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
LOGIC DIAGRAM (positive logic)
2
1A
3
1B
SA00534
1
1OE
5
2A
6
2B
7
2OE
FUNCTION TABLE
INPUT
FUNCTION
OE
FUNCTION
L
A port = B port
H
Disconnect


Similar Part No. - CBT3306D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
   Dual bus switch
More results

Similar Description - CBT3306D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
logo
Toshiba Semiconductor
TC7WB126FK TOSHIBA-TC7WB126FK_07 Datasheet
163Kb / 6P
   Dual Bus Switch
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
   Dual Bus Switch
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com