Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHCT125A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74VHCT125A
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74VHCT125A Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHCT125A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, A to Y
VCC = 3.3 ± 0.3V CL = 15pF
CL = 50pF
5.6
8.1
8.0
11.5
1.0
1.0
9.5
13.0
12.0
16.0
ns
VCC = 5.0 ± 0.5V CL = 15pF
CL = 50pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
8.5
10.5
tPZL,
tPZH
Maximum Output Enable
TIme,OE to Y
VCC = 3.3 ± 0.3V CL = 15pF
RL = 1kΩ
CL = 50pF
5.4
7.9
8.0
11.5
1.0
1.0
9.5
13.0
11.5
15.0
ns
VCC = 5.0 ± 0.5V CL = 15pF
RL = 1kΩ
CL = 50pF
3.6
5.1
5.1
7.1
1.0
1.0
6.0
8.0
7.5
9.5
tPLZ,
tPHZ
Maximum Output Disable
Time,OE to Y
VCC = 3.3 ± 0.3V CL = 50pF
RL = 1kΩ
9.5
13.2
1.0
15.0
18.0
ns
VCC = 5.0 ± 0.5V CL = 50pF
RL = 1kΩ
6.1
8.8
1.0
10.0
12.0
tOSLH,
tOSHL
Output–to–Output Skew
VCC = 3.3 ± 0.3V CL = 50pF
(Note 1.)
1.5
1.5
2.0
ns
VCC = 5.0 ± 0.5V CL = 50pF
(Note 1.)
1.0
1.0
1.5
Cin
Maximum Input
Capacitance
4
10
10
10
pF
Cout
Maximum Three–State
Output Capacitance (Output
in High Impedance State)
6
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 2.)
14
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per buffer). CPD is used to determine the
no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.3
– 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHC126Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
NLSF3T12Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LCX125FLOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn