Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHCT125A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC74VHCT125A
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74VHCT125A Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74VHCT125A
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC =5.0V ±0.5V
0
20
ns/V
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level Input
Voltage
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
VOH
Minimum High–Level
Output Voltage
VV
V
VIN = VIH or VIL
IOH = – 50µA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
VIN = VIH or VIL
IOH = – 4mA
IOH = – 8mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low–Level
Output Voltage
VV
V
VIN = VIH or VIL
IOL = 50µA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Maximum Input Leakage
Current
VIN = 5.5 V or
GND
0 to 5.5
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current
VIN = VCC or GND
5.5
2.0
20
40
µA
ICCT
Quiescent Supply Current
Input: VIN = 3.4V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage Current
VOUT = 5.5V
0.0
0.5
5.0
10
µA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74VHCT126AQuad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LVX125FQUAD BUS BUFFER 1 2 3 4 5 MoreToshiba Semiconductor
M74HCT125B1RQUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX125FTLOW-VOLTAGE QUAD BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC125Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
MC74VHC126Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
NLSF3T12Quad Bus Buffer 1 2 3 4 5 MoreON Semiconductor
TC74LCX125FLOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn